Electronic Components Datasheet Search
  English  ▼

X  

LTC4332 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4332
Description  SPI Extender Over Rugged Differential Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4332 Datasheet(HTML) 4 Page - Analog Devices

  LTC4332 Datasheet HTML 1Page - Analog Devices LTC4332 Datasheet HTML 2Page - Analog Devices LTC4332 Datasheet HTML 3Page - Analog Devices LTC4332 Datasheet HTML 4Page - Analog Devices LTC4332 Datasheet HTML 5Page - Analog Devices LTC4332 Datasheet HTML 6Page - Analog Devices LTC4332 Datasheet HTML 7Page - Analog Devices LTC4332 Datasheet HTML 8Page - Analog Devices LTC4332 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4332
4
Pr A
For more information www.analog.com
Preliminary Technical Data
SWITCHING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design, not production tested.
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not directly tested.
Note 4: SF = Speed Factor. See Table 2.
Note 5:
Note 6:
Note 7: Evaluated by Design, not production tested.
Note 8:
Note 9: All currents into device pins are positive; all currents out of device
are negative. All voltages are referenced to their corresponding ground
unless otherwise specified.
Note 10:
Note 11: Continuous operation above specified maximum operating
junction temperature may result in device degradation or failure.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Remote Mode (REMOTE = 1)
tLOW:MASTER
SCK Low
SPEED INDEX = 8 (Table 2)
l
0.2 • SF
TBD
µs
tSCKU:MASTER
SCK Output Period Uncertainty
(Figure 8)
l
±20
ns
tDMOSI:MASTER
MOSI Data Valid from SCK Fall Delay
CL = 20pF
l
TBD
ns
tHMOSI:MASTER
MOSI Data Remains Valid from SCK Fall Delay
CL = 20pF
l
TBD
ns
tSMISO:MASTER
MISO Data Setup to SCK Rise
l
40
ns
tHMISO:MASTER
MISO Data Hold after SCK Rise
l
40
ns
tTIMEOUT:MASTER Active Slave Select Timeout
l
160
TBD
ms
ns
Link Interface
tRD, tFD
Differential Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF
l
4
15
ns
tLINK_TIMEOUT
Response Time for LINK Release after Disconnection REMOTE = 1
REMOTE = 0
168
10
ms
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com