Electronic Components Datasheet Search
  English  ▼

X  

LTC4332 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4332
Description  SPI Extender Over Rugged Differential Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4332 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4332 Datasheet HTML 9Page - Analog Devices LTC4332 Datasheet HTML 10Page - Analog Devices LTC4332 Datasheet HTML 11Page - Analog Devices LTC4332 Datasheet HTML 12Page - Analog Devices LTC4332 Datasheet HTML 13Page - Analog Devices LTC4332 Datasheet HTML 14Page - Analog Devices LTC4332 Datasheet HTML 15Page - Analog Devices LTC4332 Datasheet HTML 16Page - Analog Devices LTC4332 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4332
13
Pr A
For more information www.analog.com
Preliminary Technical Data
APPLICATIONS INFORMATION
Remote Mode
The LTC4332 is in SPI master mode when the REMOTE
pin is set high. Pins SCK and MOSI are outputs while pin
MISO is an input. Three slave selects output pins SS1,
SS2, SS3 are available to connect to remote SPI slave
devices. The remote side LTC4332 first asserts the appro-
priate slave select pin mirroring the event from the local
side and then toggles pins SCK with MOSI data as write-
data becomes available from the link. Using the same SCK
edge, the SPI master captures data on the MISO pin from
the remote slave device, encodes the data, and transmits
the created bit-stream along the second differential pair
to the local side.
The remote side SCK period reflects the local side SCK
period offset by an uncertainty parameter tSCKU:MASTER.
Care must be taken to ensure that the maximum sup-
ported frequency of the remote device is not violated.
The remote SPI master device supports SPI modes (0,0),
(0,1), (1,0), and (1,1) for each remote slave select. Each
remote slave select SPI mode can be individually pro-
grammed by the user to match the SPI mode require-
ments of the remote slave device. The SPI mode is pro-
grammed by writing the CONFIG register in the control
interface. SPI mode switching is handled automatically by
the LTC4332. When the user asserts a remote slave select
to start a transfer, the remote side LTC4332 configures
its SPI interface mode to match the mode of the remote
device before asserting the remote slave select signal.
Differential Link Pair
Internally, the LTC4332 utilizes a high performance RS485
compliant transceiver to communicate over the link pair.
The A, B, Y, and Z pins are fault protected to ±60V. In addi-
tion, the transceiver operates over an extended common
mode range of ±25V making it suitable for noisy environ-
ments or systems with ground potential differences. Data
is exchanged between the LTC4332 devices using a cus-
tom packet which has a selectable baud rate based on the
configuration of the SPEED1 and SPEED2 pins. Selectable
baud rates over the cable allow balancing performance
with cable length specific to the application. Both sides
of the link must be set to the same speed configuration
to match the baud rates and allow communication. Each
baud rate supports a maximum local SCK frequency
listed in Table 2. Exceeding the listed maximum frequency
results in data loss.
The LTC4332 SPI extension solution is point-to-point
only. Multidrop or multipoint configurations on the dif-
ferential link are not allowed.
±40kV ESD Protection
The LTC4332 features exceptionally robust ESD protec-
tion. The link interface pins (A, B, Y, Z) feature protection
to ±40kV HBM with respect to GND, VCC (with a 4.7μF
capacitor to GND), A, B, Y, or Z without latch-up or dam-
age, during all modes of operation or while unpowered
Level 4 IEC ESD and EFT Protection
The improved ESD protection of the LTC4332 provides a
high level of protection in the IEC ESD and EFT (Electrical
Fast Transient) tests. The IEC ESD stress exceeds that of
the HBM test in peak current, amplitude, and rise time,
while the EFT test provides a prolonged repetitive stress.
Combined with the HBM test, the IEC tests help ensures
that the LTC4332 is robust under a wide range of real
world hazards. The LTC4332 passes the following tests
on the A, B, Y, Z pins:
• IEC 61000-4-2 Edition 2.0 2008-12 ESD Level 4: ±8kV
contact (A, B, Y, or Z to GND, direct discharge to bus
pins with transceiver and protection circuit mounted
on a test card with a low impedance ground discharge
path from board GND to ESD gun return lead, per
Figure 4 of the standard)
• IEC 61000-4-4 Second Edition 2004-07 EFT Level 4:
±5kV (line to GND, 5kHz repetition rate, 15ms burst
duration, 60 second test duration, discharge coupled
to bus pins through 100pF capacitor per paragraph
7.3.2 of the standard). VCC pin requires 4.7μF to meet
Level 4 rating.
Startup and Shutdown
Startup occurs when supply voltages are applied to pins
VCC and VL and setting the ON pin high. All output pins
are tri-stated during the first part of startup. After an ini-
tialization sequence the SPI interface and other pins are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com