Electronic Components Datasheet Search
  English  ▼

X  

LTC4332 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4332
Description  SPI Extender Over Rugged Differential Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4332 Datasheet(HTML) 3 Page - Analog Devices

  LTC4332 Datasheet HTML 1Page - Analog Devices LTC4332 Datasheet HTML 2Page - Analog Devices LTC4332 Datasheet HTML 3Page - Analog Devices LTC4332 Datasheet HTML 4Page - Analog Devices LTC4332 Datasheet HTML 5Page - Analog Devices LTC4332 Datasheet HTML 6Page - Analog Devices LTC4332 Datasheet HTML 7Page - Analog Devices LTC4332 Datasheet HTML 8Page - Analog Devices LTC4332 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4332
3
Pr A
For more information www.analog.com
Preliminary Technical Data
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Low Level Input Voltage (ON, SCK, MISO, MOSI,
SS1, SS2, SS3, SSC, INT, REMOTE)
1.62V ≤ VL ≤ 5.5V
l
0.2 • VL2
V
Digital Input Current (ON, REMOTE, SPEED1,
SPEED2)
VIN = 0V to VL
l
±60
µA
Digital Input Current (SCK, MOSI, SS1, SS2,
SS3, SSC)
VIN = 0V to VL, REMOTE = 0
l
±60
µA
Digital Input Current (MISO)
VIN = 0V to VL, REMOTE = 1
l
±60
µA
Digital Input Current (INT)
VIN = 0V to VL, REMOTE = 1
l
±5
µA
CIN
Digital Input Capacitance
(Note 2)
10
pF
VOH
High Level Output Voltage
IO = –500µA, 1.62V ≤ VL ≤ 5.5V
l
VL – 0.2
V
VOL
Low Level Output Voltage
IO = 500µA, 1.62V ≤ VL ≤ 5.5V
l
0.2
V
IOZ
High-Z Output Leakage Current (LINK, INT)
l
±5
µA
High-Z Output Leakage Current (MOSI)
REMOTE = 1
l
±60
µA
High-Z Output Leakage Current (MISO)
REMOTE = 0
l
±60
µA
Output Source Current (Short-Circuit)
±80
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted. (Note 9)
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
tON_LOW
Pulse Width of ON low for Valid Reset Condition
(Figure 6)
l
1
µs
tREADY
ON Rise to LTC4332 Ready
l
2
µs
tSSF_PROP
Local Slave Select Fall to Remote Slave Select Fall
Propagation Delay
(Figure 7)
TBD
TBD
µs
tSCKR_PROP
Local SCK Rise to Remote SCK Fall Propagation Delay
TBD
µs
tSSR_PROP
Local Slave Select Rise to Remote Slave Select Rise
Propagation Delay
TBD
µs
tINT_PROP
Remote INT to Local INT Propagation Delay
(Note 4)
0.4 • SF
1 • SF
13 • SF
µs
tREMOTE_RESET
Delay from Local ON Low for Valid Remote Reset
Condition
l
180
ms
tR, tF
Logic Output Rise/Fall
CL = 20pF
TBD
ns
Local Mode (REMOTE = 0)
fSCK:SLAVE
SCK Input Frequency
(SPEED INDEX = 8) (Table 2)
(Note 7)
l
10
2000
kHz
kHz
tSCKH:SLAVE
SCK Input High Time
(Figure 9)
l
100
ns
tSCKL:SLAVE
SCK Input Low Time
l
100
ns
tBUF:SLAVE
SSx Rise to SSx Fall Delay
(Note 4)
l
4 • SF
ns
tSSFSCK:SLAVE
SSx Fall to SCK Rise Delay
(Note 4)
l
1 • SF
168000
µs
tSCKRSS:SLAVE
SCK Rise to SSx Rise Delay
(Note 4)
l
1 • SF
168000
µs
tDMISO:SLAVE
MISO Data Valid from SCK Fall Delay
CL = 20pF
l
100
ns
tHDMISO:SLAVE
MISO Data Remains Valid from SCK Fall Delay
CL = 20pF
l
50
ns
tSMOSI:SLAVE
MOSI Data Setup to SCK Rise
l
40
ns
tHMOSI:SLAVE
MOSI Data Hold after SCK Rise
l
40
ns
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com