Electronic Components Datasheet Search
  English  ▼

X  

LTC4332 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4332
Description  SPI Extender Over Rugged Differential Link
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4332 Datasheet(HTML) 2 Page - Analog Devices

  LTC4332 Datasheet HTML 1Page - Analog Devices LTC4332 Datasheet HTML 2Page - Analog Devices LTC4332 Datasheet HTML 3Page - Analog Devices LTC4332 Datasheet HTML 4Page - Analog Devices LTC4332 Datasheet HTML 5Page - Analog Devices LTC4332 Datasheet HTML 6Page - Analog Devices LTC4332 Datasheet HTML 7Page - Analog Devices LTC4332 Datasheet HTML 8Page - Analog Devices LTC4332 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4332
2
Pr A
For more information www.analog.com
Preliminary Technical Data
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VCC........................................................... –0.3V to 6V
VL ............................................................ –0.3V to 6V
Logic Signals
ON, LINK, INT, SSC.................................. –0.3V to 6V
REMOTE, SCK, MISO, MOSI, SS1, SS2, SS3,
SPEED1, SPEED2..............–0.3V to 6.3V or VL + 0.3V
Interface I/O: A, B, Y, Z................................ –60V to 60V
Operating Temperature Range (Note 11)
LTC4332C................................................ 0°C to 70°C
LTC4332I .............................................–40°C to 85°C
LTC4332H.......................................... –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
20 19 18 17
7
8
TOP VIEW
21
GND
UFD PACKAGE
20-LEAD (4mm × 5mm) PLASTIC QFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
9 10
6
5
4
3
2
1
11
12
13
14
15
16
VCC
VL
ON
REMOTE
LINK
SSC
GND
SPEED2
SPEED1
SS3
SS2
SS1
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VCC
Operating Supply Range
l
3
5.5
V
ICC
Operating Supply Current
Low Power: ON = 0
Idle: ON = 1, Idle SPI
Active: SCK = 2MHz, SPEED INDEX = 8
l
l
l
1
40
12
65
µA
mA
mA
VL
Logic Interface Supply Range
l
1.62
5.5
V
IL
Logic Supply Current
l
±140
µA
Differential Driver (Pins Y, Z)
|VOD|
Differential Driver Output Voltage
R = ∞
R = 27Ω (Figure 1)
l
l
1.5
1.5
VCC
5
V
V
IOSD
Maximum Driver Short-Circuit Current
–60V ≤ (Y or Z) ≤ 60V (Figure 2)
l
±150
±250
mA
Differential Receiver (Pins A, B)
RIN
Receiver Input Resistance
0V ≤ VCC ≤ 5.5V (Figure 3)
112
kΩ
VCM
Receiver Common Mode Input Voltage
l
±25
V
VTH
Differential Input Signal Threshold
–25V < VCM < 25V (Note 2)
l
±200
mV
Logic
VIH
High Level Input Voltage (ON, SCK, MISO, MOSI,
SS1, SS2, SS3, SSC, INT, REMOTE)
1.62V ≤ VL ≤ 5.5V
l
0.8 • VL
V
VIH3ST
High Level Input Voltage (SPEED1, SPEED2)
l
VL – 0.25
V
VIM3ST
Mid Level Input Voltage (SPEED1, SPEED2)
l
0.45 • VL
0.55 • VL
V
VIL3ST
Low Level Input Voltage (SPEED1, SPEED2)
l
0.25
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless otherwise noted. (Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com