Electronic Components Datasheet Search
  English  ▼

X  

PT2581 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2581
Description  Fan-Motor Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2581 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2581 Datasheet HTML 1Page - Princeton Technology Corp PT2581 Datasheet HTML 2Page - Princeton Technology Corp PT2581 Datasheet HTML 3Page - Princeton Technology Corp PT2581 Datasheet HTML 4Page - Princeton Technology Corp PT2581 Datasheet HTML 5Page - Princeton Technology Corp PT2581 Datasheet HTML 6Page - Princeton Technology Corp PT2581 Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PT2581
V1.0
2
May 2018
BLOCK DIAGRAM
Powered by
VCCA
Powered by
VCCD
CORTEX-M0
Coprocessor
(FCLK=48M Hz)
Serial I/F
Debug
Temp
SRAM
NVIC
Flash-
ROM
Interface
Flash-
ROM
16KB
SRAM
Controller
SRAM
8KB
Reset &
Clock
Control
AHB
APB
10bit-ADC
10-Channels
Comparator
GPIO Interface
EXT. INTR
System Config.
SPI-I/F
U-Phase
PWM
V-Phase
PWM
W-Phase
PWM
PTM-Timer1
Motor Control
Interface
OSC-E
8M Hz
OSC-I
8M Hz
LDO
3.3 to 1.8 V
POR-I
3.3V
LVD
PLL
Fmax=72MHz
Temp.
Buffer
Power
Controller
WWDG
1.8V Core
Power
PTM-Timer3
PTM_CT0
PTM_CT1
PWM_UH
PWM_UL
PWM_VH
PWM_VL
PWM_WH
PWM_WL
UART_RX
UART_TX
IIC_CLK
IIC_DAT
RESETN
OSCI
OSCO
VCCD= 3 to 3.6V
VSSD=VCSSA= 0V
ZCU_IN
ZCV_IN
ZCW_IN
ADI_LS0
ADI_LS1
ADI_LS2
ADI_LS3
ADI_LS4
ADI_LS5
SPI_DI
SPI_DO
SPI_CL
INT0
to
INT2
TEST_EN
(TEST-MODE)
GPIO-
PORTs
JTG_CLK
JTG_DAT
VCCA= 3 to 3.6V
PT2581
Boot-ROM
6KB
I2C-I/F
UART-I/F
PTM-Timer2
T-Trig PWM
IR-Remote
IR_IN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com