Electronic Components Datasheet Search
  English  ▼

X  

PT2581 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2581
Description  Fan-Motor Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2581 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2581 Datasheet HTML 1Page - Princeton Technology Corp PT2581 Datasheet HTML 2Page - Princeton Technology Corp PT2581 Datasheet HTML 3Page - Princeton Technology Corp PT2581 Datasheet HTML 4Page - Princeton Technology Corp PT2581 Datasheet HTML 5Page - Princeton Technology Corp PT2581 Datasheet HTML 6Page - Princeton Technology Corp PT2581 Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PT2581
V1.0
5
May 2018
PIN DESCRIPTION
Pin Name
I/O
Type
Description
Pin No.
VSS3_D3
-
Ground
Digital VSS Ground
1
UART_TX1
O
TTL
UART Macro transmit data and download embedded flash.
2
GPIOB7
I/O
TTL
General-purpose B input/output 07
UART_RX1
I
TTL
UART Macro receive data and download embedded flash
3
GPIOB6
I/O
TTL
General-purpose B input/output 06
IRIN
I
TTL
IR-remote input signal to control Fan Motor.
OSCI_SEL
I/O
TTL
Oscillator Clock Input Source Select, Default Clock Select
“0”-
XTAL8M; “1”-RC8M
4
OSCI
I
Analog
XTAL oscillator input, Freq.=8MHz
5
OSCO
O
Analog
XTAL oscillator output.
6
RESETN
I
TTL
System reset input, low active.
7
VSS3_PLL
-
Ground
Analog VSS Ground for PLL Module.
8
VCC3_PLL
-
Power
Analog VCC 3.3V for PLL Module.
9
ADI_LS0
I
Analog
Analog-to-digital converter input 0 for Low-Speed Signal.
10
ADI_LS1
I
Analog
Analog-to-digital converter input 1 for Low-Speed Signal.
11
ADI_LS2
I
Analog
Analog-to-digital converter input 2 for Low-Speed Signal.
12
ADI_LS3
I
Analog
Analog-to-digital converter input 3 for Low-Speed Signal.
13
ADI_LS4
I
Analog
Analog-to-digital converter input 4 for Low-Speed Signal.
14
ADI_LS5
I
Analog
Analog-to-digital converter input 5 for Low-Speed Signal.
15
ZCU_IN
I
Analog
Analog-to-digital converter input for Motor U-Phase BEMF Signal.
16
ZCV_IN
I
Analog
Analog-to-digital converter input for Motor V-Phase BEMF Signal.
17
ZCW_IN
I
Analog
Analog-to-digital converter input for Motor W-Phase BEMF Signal.
18
N.C
-
None
None
19
VSS3_ADC_REG
-
Ground
Analog VSS Ground.
20
VCC3_ADC_REG
-
Power
Analog VCC 3.3V.
21
TEST1
I
Analog
Test1-Pin Enable for Test Mode Only
22
VSS3_D1
-
Ground
Digital VSS Ground.
23
VCC3_D1
-
Power
Digital VCC 3.3V.
24
TEST_EN
I
TTL
Test0-Pin Enable for Test Mode Only.
25
PWM_WL
O
TTL
W-Phase Low-Side PWM Output.
26
GPIOC7
I/O
TTL
General-purpose C input/output 07.
PWM_VL
O
TTL
V-Phase Low-Side PWM Output.
27
GPIOC6
I/O
TTL
General-purpose C input/output 06.
PWM_UL
O
TTL
U-Phase Low-Side PWM Output.
28
GPIOC5
I/O
TTL
General-purpose C input/output 05.
PWM_WH
O
TTL
W-Phase High-Side PWM Output.
29
GPIOC4
I/O
TTL
General-purpose C input/output 04.
PWM_VH
O
TTL
V-Phase High-Side PWM Output.
30
GPIOC3
I/O
TTL
General-purpose C input/output 03.
PWM_UH
O
TTL
U-Phase High-Side PWM Output.
31
GPIOC2
I/O
TTL
General-purpose C input/output 02.
GPIOB4
I/O
TTL
General-purpose B input/output 4.
32
GPIOB3
I/O
TTL
General-purpose B input/output 3.
33
INT0
I
TTL
External Interrupt 0 Input.
34
GPIOA0
I/O
TTL
General-purpose A input/output 0.
HADTRG
I
TTL
External Trigger Input for High-Speed ADC operation.
INT1
I
TTL
External Interrupt 1 Input.
35
GPIOA1
I/O
TTL
General-purpose A input/output 1.
SPICSN
I
TTL
Enable SPI Serial Interface, Active low.
INT2
I
TTL
External Interrupt 2 Input.
36
GPIOA2
I/O
TTL
General-purpose A input/output 2.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com