Electronic Components Datasheet Search
  English  ▼

X  

PT2581 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2581
Description  Fan-Motor Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2581 Datasheet(HTML) 6 Page - Princeton Technology Corp

  PT2581 Datasheet HTML 1Page - Princeton Technology Corp PT2581 Datasheet HTML 2Page - Princeton Technology Corp PT2581 Datasheet HTML 3Page - Princeton Technology Corp PT2581 Datasheet HTML 4Page - Princeton Technology Corp PT2581 Datasheet HTML 5Page - Princeton Technology Corp PT2581 Datasheet HTML 6Page - Princeton Technology Corp PT2581 Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PT2581
V1.0
6
May 2018
Pin Name
I/O
Type
Description
Pin No.
PTMCT1
I/O
TTL
Capture/Compare/PWM/Timer 1.
37
GPIOB2
I/O
TTL
General-purpose B input/output 2.
JTGDAT
I/O
TTL
JTAG serial debug data.
PTMCT0
I/O
TTL
Capture/Compare/PWM/Timer 0.
38
GPIOB1
I/O
TTL
General-purpose B input/output 1.
JTGCLK
I
TTL
JTAG serial debug clock.
PLAY/PAUSE
I
TTL
Control input signal to drive the Fan Motor to be started or
paused.
39
GPIOA3
I/O
TTL
General-purpose A input/output 03.
SPIDO
O
TTL
Data Output of the SPI Serial Interface.
FWEN
I
TTL
Control input signal to drive the Fan Motor to be forward or
reversed.
40
GPIOA4
I/O
TTL
General-purpose A input/output 04.
SPIDI
I
TTL
Data input of the SPI Serial Interface.
RDIN
I
TTL
Input locked signal of the Fan Motor.
41
GPIOA5
I/O
TTL
General-purpose A input/output 05.
SPICLK
O
TTL
Clock output of the SPI Serial Interface.
GPIOA6
I/O
TTL
General-purpose A input/output 06.
42
DECODE_A
I
TTL
Decode Phase A Channel
GPIOA7
I/O
TTL
General-purpose A input/output 07.
43
DECODE_B
I
TTL
Decode Phase B channel
EXTERR
I
TTL
External error input signal of the Fan Motor system.
44
GPIOB0
I/O
TTL
General-purpose A input/output 07.
WKUP
I
TTL
Wakeup input signal.
IICCLK
I
TTL
Clock input of the IIC serial interface.
45
GPIOC0
I/O
TTL
General-purpose C input/output 00.
IICSDA
I/O
TTL
Transaction data of the IIC serial interface.
46
GPIOC1
I/O
TTL
General-purpose C input/output 01.
VSS3_D2
-
Ground
Digital VSS Ground.
47
VCC3_D2
-
Power
Digital VCC 3.3V.
48



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com