Electronic Components Datasheet Search
  English  ▼

X  

PT2581 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2581
Description  Fan-Motor Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2581 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2581 Datasheet HTML 1Page - Princeton Technology Corp PT2581 Datasheet HTML 2Page - Princeton Technology Corp PT2581 Datasheet HTML 3Page - Princeton Technology Corp PT2581 Datasheet HTML 4Page - Princeton Technology Corp PT2581 Datasheet HTML 5Page - Princeton Technology Corp PT2581 Datasheet HTML 6Page - Princeton Technology Corp PT2581 Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PT2581
Fan-Motor Controller
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No.233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT2581 incorporates the high-performance ARM
CortexTM-M0 32-bit RISC core operating at a 48 MHz
frequency and high-speed embedded memories (32k-
bytes Flash memory, 8k-bytes SRAM and 6k-bytes
ROM).The PT2581 is core processor specifically
designed for motor control. The PT2581 integrates a
configurable processing core and peripheral circuits
to perform FOC and Sensor-less motor control.
System
control,
user
interface,
communication
interface and I/O interface can be programmed
through the embedded ARM-M0 for different motor
applications.
PT2581 offers standard communication interfaces
(one I2C, one SPI and one UARTs), one 10-bit ADCs
(the 3 channels for Bias-PGA, and the 3 channels for
PGA and Comparator), six general-purpose 16-bit/32-
bit timers, and six PWM channels. This approach
reduces the software burden and simplifies the
control system program because complex motor
control algorithms are executed in the PT2581.
FEATURES
 ARM CortexTM-M0 32-Bits MCU Performance,
frequency up to 72 MHz
 Memories
–
32 Kbytes of Embedded Flash Memory
–
8 Kbytes of SRAM
–
6 Kbytes of Mask ROM
 Clock, reset and supply management
–
8 MHz quartz oscillator
–
Embedded internal 8 MHz RC oscillator
–
PLL for the main system clock (CPU and
other peripheral)
–
POR, PDR, and programmable voltage
detector (PVD)
 Debug mode
–
Serial Wire Debug(SWD) interfaces
 GPIOs
– 0~23 GPIOs, depending on configuration
– Programmable control for GPIO interrupts
 Motor Control Unit
– 6x8bit Dead-Time Insertion counter, provide
the 0 ~ 5µs phase delay for PWM signal on
operating frequency of 48M Hz
– 3x16bits ADC synch PWM trigger
’s counter,
provide 0 ~ 26.2ms phase delay time on
operating frequency of 48 MHz
– 3 system-fault flag to control motor stall
state, particular pattern for each stall state.
– Provide the PWM polarity control for 6 PWM
channels.
– Debounce mechanism for external stall and
error flag, 2x10bits counter provide 0 ~
20.48
μs debounce-time on operating
frequency of 48 MHz
General-Purpose Timers
– 6 General-Purpose Timer Modules (GPTM),
each of which provides two 32-bit
timers/counters.
– 32-bit Timer modes
– 16-bit Timer modes
– 16-bit Input Capture modes
– 16-bit PWM mode
1 UART ports
SPI Serial Interface
IIC Serial Interface
WDT / Resume-Wakeup
3 channels for Bias-PGA and 3 channels for
PGA and Comparator in 10-bit ADC.
APPLICATIONS
BLDC/ PMSM Motor
Fan, Blower, Pump
Industrial Motor, Compressor, Power Tool


Similar Part No. - PT2581

ManufacturerPart #DatasheetDescription
logo
API Delevan
PT25-1000 API-PT25-1000 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT25-1000 API-PT25-1000 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
PT25-680 API-PT25-680 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT25-680 API-PT25-680 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
PT25-680-VM API-PT25-680-VM Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
More results

Similar Description - PT2581

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8902 FAIRCHILD-FAN8902 Datasheet
127Kb / 14P
DC FAN Motor Controller
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
logo
Diodes Incorporated
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev 12
logo
Rohm
BD62013FS ROHM-BD62013FS Datasheet
950Kb / 23P
Three phase brushless fan motor controller
BD62014AFS ROHM-BD62014AFS Datasheet
900Kb / 24P
3-Phase Brushless Fan Motor Controller
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com