Electronic Components Datasheet Search
  English  ▼

X  

PT4302 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT4302
Description  Ultra-Low Power OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4302 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT4302 Datasheet HTML 1Page - Princeton Technology Corp PT4302 Datasheet HTML 2Page - Princeton Technology Corp PT4302 Datasheet HTML 3Page - Princeton Technology Corp PT4302 Datasheet HTML 4Page - Princeton Technology Corp PT4302 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PT4302
V1.2
2
October 2012
433.92 MHZ RKE EXAMPLE
VSSLO
1
VSSRF
2
ANT
3
VRF
4
MIXOUT
5
VBB
6
IFIN
7
VDD5
8
VSSBB
9
SELB
10
SELA
11
CE
12
DO
13
CTH
14
VLO
15
REFOSC
16
PTC
PT4302-X
13.226 MHz
1.0 pF
47 nH
100 nF
DATA OUT
U1
VDD5
470 nF
Etched
Inductor
on PCB
VDD5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com