Electronic Components Datasheet Search
  English  ▼

X  

PT4302 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT4302
Description  Ultra-Low Power OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4302 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT4302 Datasheet HTML 1Page - Princeton Technology Corp PT4302 Datasheet HTML 2Page - Princeton Technology Corp PT4302 Datasheet HTML 3Page - Princeton Technology Corp PT4302 Datasheet HTML 4Page - Princeton Technology Corp PT4302 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PT4302
V1.2
3
October 2012
APPLICATION CIRCUIT
VSSLO
1
VSSRF
2
ANT
3
VRF
4
MIXOUT
5
VBB
6
IFIN
7
VDD5
8
VSSBB
9
SELB
10
SELA
11
CE
12
DO
13
CTH
14
VLO
15
REFOSC
16
PTC
PT4302-X
X1
C3
C1
L1
C2
F1
C5
C4
U1
VDD5
C6
L2
R1
R2
R3
R4
R5
R6
BILL OF MATERIALS
Part
Value
Unit
Description
315 MHz
433.92 MHz
L1
82 n
47 n
H
Antenna input matching, coil inductor
L2
39 n
27 n
H
Antenna ESD protection, coil inductor
(optional)
C1
1.8 p
1.0 p
F
Antenna input matching
C2, C3, C4
100 n
100 n
F
Power supply de-coupling capacitor
C5
470 n
470 n
F
CTH (affects coding type and start-up time)
C6
220 p
220 p
F
Depends on crystal oscillator vendor, for
frequency fine tuning
R1
10
10

Power supply de-coupling resistor (optional)
R2, R3, R4, R5
10 K
10 K
MCU interface resistor (optional)
R6
8.2 M
8.2 M
For reducing data output noise (optional)
F1
10.7
10.7
MHz
Band-pass filter
X1
9.509
13.226
MHz
Reference crystal oscillator
U1
PT4302 IC
PT4302 IC
U1
Receiver chip
Notes:
1. L1 and C1 are the components for input matching network. They may have to be adjusted with different PCB layout and antenna requirement.
2. The value of C5 depends upon the data rate and coding pattern.
3. F1 is the 10.7 MHz ceramic filter. The recommended part number is Murata SFELA10M7HA00-B0.
4. The
“optional” components are based on application requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com