Electronic Components Datasheet Search
  English  ▼

X  

PT4302 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT4302
Description  Ultra-Low Power OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4302 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT4302 Datasheet HTML 1Page - Princeton Technology Corp PT4302 Datasheet HTML 2Page - Princeton Technology Corp PT4302 Datasheet HTML 3Page - Princeton Technology Corp PT4302 Datasheet HTML 4Page - Princeton Technology Corp PT4302 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PT4302
Ultra-Low Power OOK/ASK Receiver
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT4302 is an ultra-low power OOK/ASK super
heterodyne receiver for the 315/433.92 MHz frequency
bands. It offers a high level of integration and requires
only few external components. The PT4302 consists of
a low-noise amplifier (LNA), a down-conversion mixer,
an on-chip phase-locked loop (PLL) with integrated
voltage-controlled oscillator (VCO) and loop filter, an
OOK/ASK demodulator, a data filter, a data slicing
comparator and an on-chip regulator.
The PT4302
also implements a discrete one-step automatic gain
control (AGC) that reduces the LNA gain when the RF
input signal is greater than
–68 dBm.
The AGC
circuitry can extend the dynamic range of received RF
signal.
The PT4302 is available in a 16-pin SSOP package
and is specified over the extended temperature range
(
–40 to +85°C).
FEATURES
 Ultra-low power consumption: 2.7 mA for full
operation (315 MHz)
 Few external components
 Excellent sensitivity of the order of –111 dBm
(peak ASK signal level)
 2.4 V to 5.5 V supply voltage range
 250 MHz to 500 MHz frequency range
 Data rate up to 10 Kb/s
APPLICATIONS
 Automotive remote keyless entry (RKE)
 Remote control
 Garage door and gate openers
 Suitable for applications that meet either the
European ETSI-300-220 or the North American
FCC (Part 15) regulatory standards
BLOCK DIAGRAM
LNA
Buffer
Amplifier
OOK/ASK
Demodulator
Data Filter
(LPF)
RTH
PLL
Reference
Oscillator
On-Chip
Regulator
VDD5
Comparator
1
2
3
4
5
6
7
8
IFIN
MIXOUT
VBB
VRF
ANT
VSSRF
VSSLO
Mixer
16
15
14
13
12
11
10
9
REFOSC
CTH
DO
CE
SELA
SELB
VSSBB
Control Logic
VLO
AGC


Similar Part No. - PT4302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4302 TI1-PT4302 Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
PT4302A TI-PT4302A Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4302A TI1-PT4302A Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
PT4302C TI-PT4302C Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4302C TI1-PT4302C Datasheet
213Kb / 4P
3-7 Watt 48V-Input Isolated DC/DC Converter
More results

Similar Description - PT4302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
300~440MHz ASK/OOK Receiver
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4301 PTC-PT4301 Datasheet
261Kb / 4P
Low Power High Sensitivity 315/434MHz OOK/ASK Superheterodyne Receiver
PT4303 PTC-PT4303 Datasheet
229Kb / 4P
Low Power Super-heterodyne OOK/ASK Receiver
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
Compact 433.92 MHz OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com