Electronic Components Datasheet Search
  English  ▼

X  

PT4302 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT4302
Description  Ultra-Low Power OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4302 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT4302 Datasheet HTML 1Page - Princeton Technology Corp PT4302 Datasheet HTML 2Page - Princeton Technology Corp PT4302 Datasheet HTML 3Page - Princeton Technology Corp PT4302 Datasheet HTML 4Page - Princeton Technology Corp PT4302 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PT4302
V1.2
4
October 2012
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT4302-X
16 Pins, SSOP, 150 mil
PT4302-X
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
VSSLO
G
Ground for LO portion
1
VSSRF
G
Ground for RF portion
2
ANT
I
RF input connection to antenna by a matching network
3
VRF
P
Supply voltage for RF portion
4
MIXOUT
O
Mixer IF output
5
VBB
P
Supply voltage for baseband chain
6
IFIN
I
IF stage input
7
VDD5
P
5 V supply voltage input
8
VSSBB
G
Ground for baseband chain
9
SELB
I
Data filter bandwidth select (Pin B)
10
SELA
I
Data filter bandwidth select (Pin A)
11
CE
I
Chip enable pin (pull HIGH to enable the chip)
12
DO
O
Data output
13
CTH
I/O
Data slicing threshold capacitor connection
14
VLO
P
Supply voltage for LO portion
15
REFOSC
I
Reference oscillator input pin
16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com