Electronic Components Datasheet Search
  English  ▼

X  

BUS98 Datasheet(PDF) 7 Page - ON Semiconductor

Part # BUS98
Description  SITCHMODE Series NPN Silicon Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUS98 Datasheet(HTML) 7 Page - ON Semiconductor

  BUS98 Datasheet HTML 1Page - ON Semiconductor BUS98 Datasheet HTML 2Page - ON Semiconductor BUS98 Datasheet HTML 3Page - ON Semiconductor BUS98 Datasheet HTML 4Page - ON Semiconductor BUS98 Datasheet HTML 5Page - ON Semiconductor BUS98 Datasheet HTML 6Page - ON Semiconductor BUS98 Datasheet HTML 7Page - ON Semiconductor BUS98 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BUS98 BUS98A
7
Motorola Bipolar Power Transistor Device Data
Figure 15. Thermal Response
t, TIME (ms)
1.0
0.01
0.1
0.5
0.2
0.1
0.05
1.0
10
100
10000
R
θJC(t) = r(t) RθJC
R
θJC = 0.7°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
SINGLE PULSE
0.1
1000
OVERLOAD CHARACTERISTICS
200
0
Figure 16. Rated Overload Safe Operating Area
(OLSOA)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
160
400
100
200
450
500
120
300
TC = 25°C
80
40
tp = 10 µs
BUS98
BUS98A
OLSOA
OLSOA applies when maximum collector current is limited
and known. A good example Is a circuit where an inductor is
inserted between the transistor and the bus, which limits the
rate of rise of collector current to a known value. If the tran-
sistor is then turned off within a specified amount of time, the
magnitude of collector current is also known.
Maximum allowable collector–emitter voltage versus col-
lector current is plotted for several pulse widths. (Pulse width
is defined as the time lag between the fault condition and the
removal of base drive.) Storage time of the transistor has
been factored into the curve. Therefore, with bus voltage and
maximum collector current known, Figure 16 defines the
maximum time which can be allowed for fault detection and
shutdown of base drive.
OLSOA is measured in a common–base circuit (Figure 18)
which allows precise definition of collector–emitter voltage
and collector current. This is the same circuit that is used to
measure forward–bias safe operating area.
10
0
Figure 17. IC = f (dV/dt)
dV/dt (KV/
µs)
8
6
8
4
2
4
10
6
2
500
µF
500 V
VEE
VCC
Figure 18. Overload SOA Test Circuit
Notes:
• VCE = VCC + VBE
• Adjust pulsed current source
for desired IC, tp
RBE = 50 Ω
RBE = 5 Ω
RBE = 1.1 Ω
RBE = 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com