Electronic Components Datasheet Search
  English  ▼

X  

NJM2865 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2865
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2865 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2865 Datasheet HTML 2Page - New Japan Radio NJM2865 Datasheet HTML 3Page - New Japan Radio NJM2865 Datasheet HTML 4Page - New Japan Radio NJM2865 Datasheet HTML 5Page - New Japan Radio NJM2865 Datasheet HTML 6Page - New Japan Radio NJM2865 Datasheet HTML 7Page - New Japan Radio NJM2865 Datasheet HTML 8Page - New Japan Radio NJM2865 Datasheet HTML 9Page - New Japan Radio NJM2865 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NJM2865/66
- 10 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
2.92
2.94
2.96
2.98
3
3.02
3.04
3.06
3.08
-250
-200
-150
-100
-50
0
50
100
150
040
80
120
160
200
NJM2865/66_3.0V
Load Transient Response
Time : t [
µµµµS]
Output Current
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=1.0
µF(Ceramic)
2.94
2.96
2.98
3
3.02
3.04
3.06
3.08
3.1
-2
-1
0
1
2
3
4
5
6
040
80
120
160
200
NJM2865/66_3.0V
Line Transient Response
Time : t [
µµµµS]
Input Voltage
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=1.0
µF(Ceramic)
Io=30mA
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com