Electronic Components Datasheet Search
  English  ▼

X  

NJM2865 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2865
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2865 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2865 Datasheet HTML 1Page - New Japan Radio NJM2865 Datasheet HTML 2Page - New Japan Radio NJM2865 Datasheet HTML 3Page - New Japan Radio NJM2865 Datasheet HTML 4Page - New Japan Radio NJM2865 Datasheet HTML 5Page - New Japan Radio NJM2865 Datasheet HTML 6Page - New Japan Radio NJM2865 Datasheet HTML 7Page - New Japan Radio NJM2865 Datasheet HTML 8Page - New Japan Radio NJM2865 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NJM2865/66
- 5 -
Ver.2004-12-22
POWER DISSIPATION vs. AMBIENT TEMPERATURE
NJM2865/66F Power Dissipation
(Topr=-40~+85℃,Tj=125℃,PD=200mW(Ta≦25℃))
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature Ta(℃)
Device itself
On Board(114.3×76.2×1.6mm, FR-4)
NJM2865F3 Power Dissipation
(Topr=-40~+85℃,Tj=125℃)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature Ta(℃)
On Board(114.3×76.2×1.6mm, FR-4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com