Electronic Components Datasheet Search
  English  ▼

X  

NJM2865 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2865
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2865 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2865 Datasheet HTML 1Page - New Japan Radio NJM2865 Datasheet HTML 2Page - New Japan Radio NJM2865 Datasheet HTML 3Page - New Japan Radio NJM2865 Datasheet HTML 4Page - New Japan Radio NJM2865 Datasheet HTML 5Page - New Japan Radio NJM2865 Datasheet HTML 6Page - New Japan Radio NJM2865 Datasheet HTML 7Page - New Japan Radio NJM2865 Datasheet HTML 8Page - New Japan Radio NJM2865 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM2865/66
- 2 -
Ver.2004-12-22
OUTPUT VOLTAGE RANK LIST
Device Name
VOUT
Device Name
VOUT
Device Name
VOUT
NJM2865F3-/F15
1.5V
NJM2865F3-/F29
2.9V
NJM2865F3-/F36
3.6V
NJM2865F3-/F18
1.8V
NJM2865F3-/F03
3.0V
NJM2865F3-/F38
3.8V
NJM2865F3-/F21
2.1V
NJM2865F3-/F31
3.1V
NJM2865F3-/F46
4.6V
NJM2865F3-/F24
2.4V
NJM2865F3-/F32
3.2V
NJM2865F3-/F48
4.8V
NJM2865F3-/F25
2.5V
NJM2865F3-/F33
3.3V
NJM2865F3-/F05
5.0V
NJM2865F3-/F26
2.6V
NJM2865F3-/F34
3.4V
NJM2865F3-/F28
2.8V
NJM2865F3-/F35
3.5V
Device Name
VOUT
Device Name
VOUT
Device Name
VOUT
NJM2866F15
1.5V
NJM2866F29
2.9V
NJM2866F36
3.6V
NJM2866F18
1.8V
NJM2866F03
3.0V
NJM2866F38
3.8V
NJM2866F21
2.1V
NJM2866F31
3.1V
NJM2866F46
4.6V
NJM2866F24
2.4V
NJM2866F32
3.2V
NJM2866F48
4.8V
NJM2866F25
2.5V
NJM2866F33
3.3V
NJM2866F05
5.0V
NJM2866F26
2.6V
NJM2866F34
3.4V
NJM2866F28
2.8V
NJM2866F35
3.5V
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
(*1): When input voltage is less than +14V, the absolute maximum control voltage is equal to the input voltage.
(*2): Mounted on glass epoxy board based on EIA/JEDEC. (114.3x76.2x1.6mm: 2Layers)
(*3): Device itself.
Operating voltage
VIN=+2.3V
∼ +14.0V (In case of Vo<2.1V)
ELECTRICAL CHARACTERISTICS (Vo
≥2.0V version: V
IN=Vo+1V, CIN=0.1
µF, Co=1.0µF: Vo≥2.7V (Co=2.2µF: Vo≤2.6V), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
−
+1.0%
V
Quiescent Current
IQ
Io=0mA, expect Icont
−
120
180
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
−
−
100
nA
Output Current
Io
Vo-0.3V
100
130
−
mA
Line Regulation
∆Vo/∆VIN
VIN=Vo+1V
∼ Vo+6V, Io=30mA
−
−
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 60mA
−
−
0.03
%/mA
Dropout Voltage
∆VI−O
Io=60mA
−
0.10
0.18
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz,Io=10mA,
Vo=3V Version
−
75
−
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta
Ta=0
∼ 85°C, Io=10mA
−
± 50
−
ppm/
°C
Output Noise Voltage
VNO
f=10Hz
∼ 80kHz, Io=10mA
Vo=3V Version
−
45
−
µVrms
Control Voltage for ON-state
VCONT(ON)
1.6
−
−
V
Control Voltage for OFF-state
VCONT(OFF)
−
−
0.6
V
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
Control Voltage
VCONT
+14(*1)
V
SC88A
250(*2)
200(*3)
Power Dissipation
PD
SOT-23-5
350(*2)
mW
Operating Temperature
Topr
-40
∼+85
°C
Storage Temperature
Tstg
-40
∼+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com