Electronic Components Datasheet Search
  English  ▼

X  

NJM2865 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2865
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2865 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2865 Datasheet HTML 2Page - New Japan Radio NJM2865 Datasheet HTML 3Page - New Japan Radio NJM2865 Datasheet HTML 4Page - New Japan Radio NJM2865 Datasheet HTML 5Page - New Japan Radio NJM2865 Datasheet HTML 6Page - New Japan Radio NJM2865 Datasheet HTML 7Page - New Japan Radio NJM2865 Datasheet HTML 8Page - New Japan Radio NJM2865 Datasheet HTML 9Page - New Japan Radio NJM2865 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NJM2865/66
- 8 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
Output Current : Io(mA)
NJM2865/66_3.0V
Ripple Rejection vs. Output Current
f=1kHz
f=10kHz
@:Ta=25
o
C
VIN=4.0V
ein=200mVrms
Co=1.0
µF(Ceramic)
0.01
0.1
1
10
100
Output Current : Io(A)
@:Ta=25
o
C
Co=1.0
µF(Ceramic)
NJM2865/66_3.0V
Equivalent Serise Resistance vs. Output Current
STABLE REGION
1m
10m
100m
1m
10m
100m
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
0
50
100
150
Temperature : Ta (
oC)
@:Io=60mA
Co=1.0
µF(Ceramic)
NJM2865/66_3.0V
Dropout Voltage v.s. Temperature
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2865/66_3.0V
Control Voltage v.s. Temperature
@:VIN=4.0V
Io=30mA
Co=1.0
µF(Ceramic)
2.9
2.95
3
3.05
3.1
-50
0
50
100
150
Temperature Ta (
oC)
NJM2865/66_3.0V
Output Voltage v.s. Temperature
@:VIN=4.0V
Io=30mA
Co=1.0
µF(Ceramic)
0
50
100
150
200
250
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2865/66_3.0V
Quiescent Current v.s. Temperature
@:VIN=4.0V
Output is open.
Co=1.0
µF(Ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com