Electronic Components Datasheet Search
  English  ▼

X  

BUV48 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUV48
Description  SITCHMODE II Series NPN Silicon Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV48 Datasheet(HTML) 3 Page - ON Semiconductor

  BUV48 Datasheet HTML 1Page - ON Semiconductor BUV48 Datasheet HTML 2Page - ON Semiconductor BUV48 Datasheet HTML 3Page - ON Semiconductor BUV48 Datasheet HTML 4Page - ON Semiconductor BUV48 Datasheet HTML 5Page - ON Semiconductor BUV48 Datasheet HTML 6Page - ON Semiconductor BUV48 Datasheet HTML 7Page - ON Semiconductor BUV48 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUV48 BUV48A
3
Motorola Bipolar Power Transistor Device Data
DC CHARACTERISTICS
0.1
IC, COLLECTOR CURRENT (AMPS)
0.3
3
2
1
0.7
0.5
5
IC, COLLECTOR CURRENT (AMPS)
3
2
1
0.7
0.5
0.3
0.2
0.3
IC = 5 A
50
1
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
1
2
3
5
8 10
20
30
50
20
10
7
Figure 2. Collector Saturation Region
0.1
IB, BASE CURRENT (AMPS)
0.1
0.3
0.5
3
0.5
0.3
30
5
3
2
VCE = 5 V
TJ = 150°C
12
3
4
Figure 3. Collector–Emitter Saturation Voltage
10
1
1
2
3
7
10
50
20
30
5
Figure 4. Base–Emitter Voltage
Figure 5. Collector Cutoff Region
10
5
1
– 0.4
Figure 6. Capacitance
VBE, BASE–EMITTER VOLTAGE (VOLTS)
10–1
– 0.2
0
0.2
0.4
0.6
10 k
1
VR, REVERSE VOLTAGE (VOLTS)
10
10
1 k
100
100
1000
100
FORWARD
0.1
VCE = 250 V
125
°C
90%
75
°C
7.5 A
TJ = 100°C
REVERSE
101
102
103
104
Cob
βf = 5
25
°C
10%
TC = 25°C
10 A
15 A
90%
10%
TJ = 25°C
βf = 5
100
°C
Cib
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com