Electronic Components Datasheet Search
  English  ▼

X  

BUV48 Datasheet(PDF) 5 Page - ON Semiconductor

Part # BUV48
Description  SITCHMODE II Series NPN Silicon Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV48 Datasheet(HTML) 5 Page - ON Semiconductor

  BUV48 Datasheet HTML 1Page - ON Semiconductor BUV48 Datasheet HTML 2Page - ON Semiconductor BUV48 Datasheet HTML 3Page - ON Semiconductor BUV48 Datasheet HTML 4Page - ON Semiconductor BUV48 Datasheet HTML 5Page - ON Semiconductor BUV48 Datasheet HTML 6Page - ON Semiconductor BUV48 Datasheet HTML 7Page - ON Semiconductor BUV48 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUV48 BUV48A
5
Motorola Bipolar Power Transistor Device Data
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% Vclamp
trv = Voltage Rise Time, 10–90% Vclamp
tfi = Current Fall Time, 90–10% IC
tti = Current Tail, 10–2% IC
tc = Crossover Time, 10% Vclamp to 10% IC
An enlarged portion of the inductive switching waveforms is
shown in Figure 7 to aid in the visual identity of these terms.
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained us-
ing the standard equation from AN–222:
PSWT = 1/2 VCCIC(tc) f
In general, trv + tfi ] tc. However, at lower test currents this
relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
_C and has become a benchmark
for designers. However, for designers of high frequency con-
verter circuits, the user oriented specifications which make
this a “SWITCHMODE” transistor are the inductive switching
speeds (tc and tsv) which are guaranteed at 100_C.
1
Figure 9. Storage Time, tsv
IC, COLLECTOR CURRENT (AMPS)
25
0.1
Figure 10. Crossover and Fall Times
5
3
1
0.7
0.5
50
IC, COLLECTOR CURRENT (AMPS)
37
0
Figure 11a. Turn–Off Times versus Forced Gain
βf, FORCED GAIN
0.01
12
4
5
2
0.5
0.3
0.2
Figure 11b. Turn–Off Times versus Ib2/Ib1
Ib2/Ib1
3
1
0.1
3
TC = 100°C
TC = 25°C
IC = 10 A
VBE(off) = 5 V
0.01
1
0.5
0.2
0.3
0.1
2
0.3
0.2
20
10
30
βf = 5
TC = 25°C
0.05
0.02
0.03
12
5
50
37
20
10
30
βf = 5
TC = 100°C
TC = 25°C
tc
tfi
0.05
0.03
0.02
68
9
710
tsv
tfi
tc
0.01
2
0.5
0.3
0.2
3
1
0.1
0.05
0.03
0.02
01
2
4
5
36
8
9
710
TC = 25°C
IC = 10 A
βf = 5 V
tsv
tfi
tc
TC = 100°C
TC = 25°C
INDUCTIVE SWITCHING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com