Electronic Components Datasheet Search
  English  ▼

X  

BUV48 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BUV48
Description  SITCHMODE II Series NPN Silicon Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV48 Datasheet(HTML) 4 Page - ON Semiconductor

  BUV48 Datasheet HTML 1Page - ON Semiconductor BUV48 Datasheet HTML 2Page - ON Semiconductor BUV48 Datasheet HTML 3Page - ON Semiconductor BUV48 Datasheet HTML 4Page - ON Semiconductor BUV48 Datasheet HTML 5Page - ON Semiconductor BUV48 Datasheet HTML 6Page - ON Semiconductor BUV48 Datasheet HTML 7Page - ON Semiconductor BUV48 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BUV48 BUV48A
4
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
20
1
0
PW Varied to Attain
IC = 200 mA
Lcoil = 25 mH, VCC = 10 V
Rcoil = 0.7 Ω
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 300 V
RL = 83 Ω
Pulse Width = 10
µs
INDUCTIVE TEST CIRCUIT
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
2
IB1
1
2
Vclamp = 300 V
RB ADJUSTED TO ATTAIN DESIRED IB1
+10 V
220
100
680 pF
100
PULSES
δ = 3%
33
2 W
33
2 W
160
D1
22
µF
D3
22
680 pF
MM3735
1N4934
D1 D2 D3 D4
2N3763
160
680 pF
22
D4
0.22
µF
D3
2N6438
+10 V
MR854
0.1
µF
2N6339
MR854
Ib1 ADJUST
dTb ADJUST
dT
Ib2 ADJUST
VCC
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
Ω
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
t1
IC
VCE
IC(pk)
tf Clamped
tf
t
t
t2
TIME
VCE or
Vclamp
t1 ≈
Lcoil (IC
pk
)
VCC
t2 ≈
Lcoil (IC
pk
)
VClamp
1
2
TUT
RL
VCC
trv
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
TIME
Figure 7. Inductive Switching Measurements
Figure 8. Peak–Reverse Current
12
34
5
6
10
8
6
4
2
0
0
βf = 5
IC = 10 A
IC
VCE
90% IB1
tsv
IC pk
VCE(pk)
90% VCE(pk)
90% IC(pk)
10% VCE(pk) 10%
IC pk
2% IC
IB
tfi
tti
tc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com