Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AM79Q031
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AM79Q031 Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 42Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 43Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 44Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 45Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 46Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 47Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 48Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
SLAC Products
45
24, 25. Write/Read Operating Functions
MPI Command
(60/61h)
R/W = 0: Write
R/W = 1: Read
Linear Code
C/L = 0*
Compressed coding
C/L = 1
Linear coding
A-law or µ-law
A/µ = 0*
A-law coding
A/µ = 1
µ-law coding
GR Filter
EGR = 0*
Default GR filter enabled
EGR = 1
Programmed GR filter enabled
GX Filter
EGX = 0*
Default GX filter enabled
EGX = 1
Programmed GX filter enabled
X Filter
EX = 0*
Default X filter enabled
EX = 1
Programmed X filter enabled
R Filter
ER = 0*
Default R filter enabled
ER = 1
Programmed R filter enabled
Z Filter
EZ = 0*
Default Z filter enabled
EZ = 1
Programmed Z filter enabled
B Filter
EB = 0*
Default B filter enabled
EB = 1
Programmed B filter enabled
* Power Up and Hardware Reset (RST) Value = 00h.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
0
0
0
0
R/W
I/O Data
C/L
A/
µ
EGR
EGX
EX
ER
EZ
EB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com