Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AM79Q031
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AM79Q031 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
SLAC Products
7
CONNECTION DIAGRAM (TQFP PACKAGE)
Top View
Notes:
1. Pin 1 is marked for orientation.
2. RSVD = Reserved pin; should not be connected externally to any signal or supply.
VCCD
1
2
3
4
5
6
7
8
9
33
32
31
30
29
28
27
26
25
42 41 40 39 38 37 36
44-Pin TQFP
CS
DIO
FS
TSCA
DXA
PCLK
Am79Q021VC
VOUT1
VIN2
VOUT2
VCCA
AGND
VIN1
VREF
VOUT3
VIN3
DCLK
DGND
43
44
35 34
14 15 16 17 18 19 20
13
12
21 22
24
RST
23
INT
10
VOUT4
11
VIN4
19256A-023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com