Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # AM79Q031
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button AM79Q031 Datasheet HTML 43Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 44Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 45Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 46Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 47Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 48Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 49Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 50Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
SLAC Products
47
30. Read Revision Code Number (RCN)
MPI Command
(73h)
This command returns an 8-bit number (RCN) describing the revision number of the QSLAC
device. This command does not depend on the state of the Channel Enable Register.
31, 32. Write/Read GX Filter Coefficients
MPI Command
(80/81h)
R/W = 0: Write
R/W = 1: Read
The coefficient for the GX filter is defined as:
)
Power Up and Hardware Reset (RST) Values = A9F0 (Hex) (HGX = 1.995 (6 dB)).
Note: The default value is contained in a ROM register separate from the programmable coefficient RAM.
There is a filter enable bit in Operating Functions Register to switch between the default and programmed
values.
33, 34. Write/Read GR Filter Coefficients
MPI Command
(82/83h)
R/W = 0: Write
R/W = 1: Read
The coefficient for the GR filter is defined as:
Power Up and Hardware Reset (RST) Values = 23A1 (Hex) (HGR = 0.35547 (–8.984 dB)).
See note under Commands 31 and 32.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
1
0
0
1
1
I/O Data
RCN7
RCN6
RCN5
RCN4
RCN3
RCN2
RCN1
RCN0
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
0
0
0
R/W
I/O Data Byte 1
C40
m40
C30
m30
I/O Data Byte 2
C20
m20
C10
m10
D7
D6
D5
D4
D3
D2
D1
D0
Command:
1
0
0
0
0
0
1
R/W
I/O Data Byte 1
C40
m40
C30
m30
I/O Data Byte 2
C20
m20
C10
m10
HGX
1C10
(
2
m10
–
1C20 2
m20
–
1C30 2
m30
–
•
1C40 2
m40
–
•
+
()
+
[]
•
+
{}
•
+
=
HGR
C10 2
m10
–
1C20 2
m20
–
1C30 2
m30
–
•
1C40 2
m40
–
•
+
()
+
[]
•
+
{}
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com