Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AM79Q031
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM79Q031 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q031 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6
Am79Q02/021/031 Data Sheet
CONNECTION DIAGRAMS (PLCC PACKAGES)
Top View
VIN2
VOUT4
DCLK
DIO
TSCA
TSCB
DGND
VCCD
DXA
FS
RST
PCLK
Notes:
1. Pin 1 is marked for orientation.
2. RSVD = Reserved pin; should not be connected externally to any signal or supply.
19256A-003
18 19 20 21 22 23 24 25 26 27 28
6
54321 44 43 42 41 40
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
44-Pin PLCC
Am79Q02JC
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
14 15 16 17 18 19 20
4
3
2
1 32 31 30
32-Pin PLCC
VIN1
VIN4
DIO
TSCA
DGND
VCCD
FS
DXA
PCLK
DCLK
Am79Q031JC
VOUT2
VCCA
AGND
VREF
VOUT3
VIN2
VIN3
7
8
9
10
11
12
13
14
15
39
38
37
36
35
34
33
32
31
4 3
2
1 44 43 42
44-Pin PLCC
CS
DIO
FS
TSCA
DXA
PCLK
Am79Q021JC
VOUT1
VIN2
VOUT2
VCCA
AGND
VIN1
VREF
VOUT3
VIN3
DCLK
DGND
VIN1
VOUT1
VOUT2
VCCA
AGND
VREF
VOUT3
VIN3
VIN4
5
RST
21
5
6
41 40
20 21 22 23 24 25 26
19
18
27 28
30
RST
29
INT
16
VOUT4
17
VIN4
DXB
VCCD
19256A-004
19256A-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com