Electronic Components Datasheet Search
  English  ▼

X  

M28C16A Datasheet(PDF) 6 Page - STMicroelectronics

Part # M28C16A
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M28C16A Datasheet HTML 2Page - STMicroelectronics M28C16A Datasheet HTML 3Page - STMicroelectronics M28C16A Datasheet HTML 4Page - STMicroelectronics M28C16A Datasheet HTML 5Page - STMicroelectronics M28C16A Datasheet HTML 6Page - STMicroelectronics M28C16A Datasheet HTML 7Page - STMicroelectronics M28C16A Datasheet HTML 8Page - STMicroelectronics M28C16A Datasheet HTML 9Page - STMicroelectronics M28C16A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VOUT =0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 5. Capacitance (1) (TA =25
°C, f = 1 MHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
10
µA
ILO
Output Leakage Current
0V
≤ VIN ≤ VCC
10
µA
ICC
(1)
Supply Current
(CMOS inputs)
E=VIL,G = VIL, f = 5 MHz, VCC = 3.3V
8
mA
E=VIL,G = VIL, f = 5 MHz, VCC = 3.6V
10
mA
ICC2
(1)
Supply Current (Standby)
CMOS
E> VCC –0.3V
50
µA
VIL
Input Low Voltage
– 0.3
0.6
V
VIH
Input High Voltage
2
VCC +0.5
V
VOL
Output Low Voltage
IOL = 1 mA
0.2 VCC
V
VOH
Output High Voltage
IOH = 1 mA
0.8 VCC
V
Note: 1. All I/O’s open circuit.
Table 6. Read Mode DC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
Symbol
Parameter
Min
Max
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation
10
ms
VWI
Write Inhibit Threshold
1.5
2.5
V
Note: 1. Sampled only, not 100% tested.
Table 7. Power Up Timing (1) (TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
Input Rise and Fall Times
≤ 20ns
Input Pulse Voltages
0V to VCC -0.3V
Input and Output Timing Ref.
Voltages
1.5V
Note that Output Hi-Z is defined as the point where data is no
longer driven.
Table 4. AC Measurement Conditions
AI01274
VCC –0.3V
0V
0.5 VCC
Figure 7. AC Testing Input Output Waveforms
AI01396
VCC
OUT
CL = 100pF
CL includes JIG capacitance
1.8k
Ω
DEVICE
UNDER
TEST
1.3k
Ω
Figure 8. AC Testing Equivalent Load Circuit
6/17
M28LV16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com