Electronic Components Datasheet Search
  English  ▼

X  

M28C16A Datasheet(PDF) 7 Page - STMicroelectronics

Part # M28C16A
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M28C16A Datasheet HTML 3Page - STMicroelectronics M28C16A Datasheet HTML 4Page - STMicroelectronics M28C16A Datasheet HTML 5Page - STMicroelectronics M28C16A Datasheet HTML 6Page - STMicroelectronics M28C16A Datasheet HTML 7Page - STMicroelectronics M28C16A Datasheet HTML 8Page - STMicroelectronics M28C16A Datasheet HTML 9Page - STMicroelectronics M28C16A Datasheet HTML 10Page - STMicroelectronics M28C16A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Symbol
Alt
Parameter
Test Condition
M28LV16
Unit
-200
-250
-300
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output
Valid
E=VIL,G = VIL
200
250
300
ns
tELQV
tCE
Chip Enable Low to Output
Valid
G= VIL
200
250
300
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E= VIL
100
150
150
ns
tEHQZ
(1)
tDF
Chip Enable High to Output
Hi-Z
G= VIL
055
0
60
060
ns
tGHQZ
(1)
tDF
Output Enable High to
Output Hi-Z
E=VIL
055
0
60
060
ns
tAXQX
tOH
Address Transition to
Output Transition
E= VIL,G = VIL
00
0
ns
Note: 1. Output Hi-Z is defined as the point at which data is no longer driven.
Table 8. Read Mode AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
AI01511B
VALID
tAVQV
tAXQX
tGLQV
tEHQZ
tGHQZ
DATA OUT
A0-A10
E
G
DQ0-DQ7
tELQV
Hi-Z
Figure 9. Read Mode AC Waveforms
Note: Write Enable (W) = High
7/17
M28LV16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com