Electronic Components Datasheet Search
  English  ▼

X  

M28C16A Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28C16A
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16A Datasheet(HTML) 4 Page - STMicroelectronics

  M28C16A Datasheet HTML 1Page - STMicroelectronics M28C16A Datasheet HTML 2Page - STMicroelectronics M28C16A Datasheet HTML 3Page - STMicroelectronics M28C16A Datasheet HTML 4Page - STMicroelectronics M28C16A Datasheet HTML 5Page - STMicroelectronics M28C16A Datasheet HTML 6Page - STMicroelectronics M28C16A Datasheet HTML 7Page - STMicroelectronics M28C16A Datasheet HTML 8Page - STMicroelectronics M28C16A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AI01520
ADDRESS
LATCH
A6-A10
(Page Address)
CONTROL LOGIC
64K ARRAY
ADDRESS
LATCH
A0-A5
Y DECODE
VPP GEN
RESET
SENSE AND DATA LATCH
I/O BUFFERS
EG
W
PAGE LOAD
TIMER STATUS
TOGGLE BIT
DATA POLLING
DQ0-DQ7
Figure 3. Block Diagram
Page Write
Page write allows up to 64 bytes to be consecu-
tively latched into the memory prior to initiating a
programming cycle. All bytes must be located in a
single page address, that is A6-A10 must be the
same for all bytes. The page write can be initiated
during any byte write operation.
Following the first byte write instruction the host
may send another address and data with a mini-
mum data transfer rate of 1/tWHWH (see Figure 13).
If a transition of E or W is not detected within tWHWH,
the internal programming cycle will start.
Microcontroller Control Interface
The M28LV16 provides two write operation status
bits and one status pin that can be used to minimize
the system write cycle. These signals are available
on the I/O port bits DQ7 or DQ6 of the memory
during programming cycle only.
DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
DP
TB
PLTS Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Figure 4. Status Bit Assignment
DP = Data Polling
TB = Toggle Bit
PLTS = Page Load Timer Status
Data Polling bit (DQ7). During the internal write
cycle, any attempt to read the last byte written will
produce on DQ7 the complementary value of the
previously latched bit. Once the write cycle is fin-
ished the true logic value appears on DQ7 in the
read cycle.
Toggle bit (DQ6). The M28LV16 offers another
way for determining when the internal write cycle
is completed. During the internal Erase/Write cycle,
DQ6 will toggle from ”0” to ”1” and ”1” to ”0” (the
first read value is ”0”) on subsequent attempts to
read the memory. When the internal cycle is com-
pleted the toggling will stop and the device will be
accessible for a new Read or Write operation.
Page Load Timer Status bit (DQ5). In the Page
Write mode data may be latched by E or W. Up to
32 bytes may be input. The Data output (DQ5)
indicates the status of the internal Page Load
Timer. DQ5 may be read by asserting Output En-
able Low (tPLTS). DQ5 Low indicates the timer is
running, High indicates time-out after which the
write cycle will start and no new data may be input.
4/17
M28LV16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com