Electronic Components Datasheet Search
  English  ▼

X  

M28C16A Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28C16A
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16A Datasheet(HTML) 1 Page - STMicroelectronics

  M28C16A Datasheet HTML 1Page - STMicroelectronics M28C16A Datasheet HTML 2Page - STMicroelectronics M28C16A Datasheet HTML 3Page - STMicroelectronics M28C16A Datasheet HTML 4Page - STMicroelectronics M28C16A Datasheet HTML 5Page - STMicroelectronics M28C16A Datasheet HTML 6Page - STMicroelectronics M28C16A Datasheet HTML 7Page - STMicroelectronics M28C16A Datasheet HTML 8Page - STMicroelectronics M28C16A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
M28LV16
16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM
with SOFTWARE DATA PROTECTION
NOT FOR NEW DESIGN
November 1997
1/17
This is information on a product still in production bu t not recommended for new de sign.
AI01567B
11
A0-A10
W
DQ0-DQ7
VCC
M28LV16
G
E
VSS
8
RB *
Figure 1. Logic Diagram
A0 - A10
Address Input
DQ0 - DQ7
Data Input / Output
W
Write Enable
E
Chip Enable
G
Output Enable
RB
Ready / Busy
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
FAST ACCESS TIME: 200ns
SINGLE LOW VOLTAGE OPERATION
LOW POWER CONSUMPTION
FAST WRITE CYCLE:
– 64 Bytes Page Write Operation
– Byte or Page Write Cycle: 3ms Max
ENHANCED END OF WRITE DETECTION:
– Data Polling
– Toggle Bit
PAGE LOAD TIMER STATUS BIT
HIGH RELIABILITY SINGLE POLYSILICON,
CMOS TECHNOLOGY:
– Endurance >100,000 Erase/Write Cycles
– Data Retention >40 Years
JEDEC APPROVED BYTEWIDE PIN OUT
SOFTWARE DATA PROTECTION
M28LV16 is replaced by the products
described on the document M28C16A
DESCRIPTION
The M28LV16 is a 2K x 8 low power Parallel
EEPROM fabricatedwith SGS-THOMSON proprie-
tary single polysilicon CMOS technology. The de-
vice offers fast access time with low power
dissipation and requires a 2.7V to 3.6V power
supply. The circuit has been designed to offer a
flexible microcontroller interface featuring both
hardware and software handshaking with Data
Polling and Toggle Bit. The M28LV16 supports 64
byte page write operation. A Software Data Protec-
tion (SDP) is also possible using the standard
JEDEC algorithm.
24
1
PDIP24 (P)
TSOP28 (N)
8 x 13.4mm
PLCC32 (K)
24
1
SO24 (MS)
300 mils
Note: * RB function is offered only with TSOP28 package.


Similar Part No. - M28C16A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
16 Kbit 2Kb x8 Parallel EEPROM
Aug-1998
More results

Similar Description - M28C16A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28010 STMICROELECTRONICS-M28010 Datasheet
150Kb / 23P
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
28-Feb-2000
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
Feb-1999
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
19-Jun-2000
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
May-1997
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com