Electronic Components Datasheet Search
  English  ▼

X  

MAX8713 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8713
Description  Simplified Multichemistry SMBus Battery Charger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8713 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8713 Datasheet HTML 9Page - Maxim Integrated Products MAX8713 Datasheet HTML 10Page - Maxim Integrated Products MAX8713 Datasheet HTML 11Page - Maxim Integrated Products MAX8713 Datasheet HTML 12Page - Maxim Integrated Products MAX8713 Datasheet HTML 13Page - Maxim Integrated Products MAX8713 Datasheet HTML 14Page - Maxim Integrated Products MAX8713 Datasheet HTML 15Page - Maxim Integrated Products MAX8713 Datasheet HTML 16Page - Maxim Integrated Products MAX8713 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SMBus Interface
The MAX8713 receives control inputs from the SMBus
interface. The serial interface complies with the SMBus
protocols as documented in the System Management
Bus Specification V1.1, which can be downloaded from
www.smbus.org. The MAX8713 uses the SMBus Read-
Word and Write-Word protocols (Figure 5) to communi-
cate with the smart battery. The MAX8713 is an SMBus
slave device and does not initiate communication on
the bus. It responds to the 7-bit address 0b0001001_
(0x12). In addition, the MAX8713 has two identification
(ID) registers: a 16-bit device ID register and a 16-bit
manufacturer ID register.
The data (SDA) and clock (SCL) pins have Schmitt-trig-
ger inputs that can accommodate slow edges. Choose
pullup resistors for SDA and SCL to achieve rise times
according to the SMBus specifications.
Communication starts when the master signals a START
condition, which is a high-to-low transition on SDA,
while SCL is high. When the master has finished com-
municating, the master issues a STOP condition, which
is a low-to-high transition on SDA, while SCL is high.
Simplified Multichemistry
SMBus Battery Charger
______________________________________________________________________________________
13
Table 1. ChargeVoltage()
BIT
BIT NAME
DESCRIPTION
0—
Not used. Normally a 1mV weight.
1—
Not used. Normally a 2mV weight.
2—
Not used. Normally a 4mV weight.
3—
Not used. Normally an 8mV weight.
4
Charge Voltage, DACV 0
0 = Adds 0mV of charge-voltage compliance, 1024mV (min).
1 = Adds 16mV of charge-voltage compliance.
5
Charge Voltage, DACV 1
0 = Adds 0mV of charge-voltage compliance, 1024mV (min).
1 = Adds 32mV of charge-voltage compliance.
6
Charge Voltage, DACV 2
0 = Adds 0mV of charge-voltage compliance, 1024mV (min).
1 = Adds 64mV of charge-voltage compliance.
7
Charge Voltage, DACV 3
0 = Adds 0mV of charge-voltage compliance, 1024mV (min).
1 = Adds 128mV of charge-voltage compliance.
8
Charge Voltage, DACV 4
0 = Adds 0mV of charge-voltage compliance, 1024mV (min).
1 = Adds 256mV of charge-voltage compliance.
9
Charge Voltage, DACV 5
0 = Adds 0mV of charge-voltage compliance, 1024mV (min).
1 = Adds 512mV of charge-voltage compliance.
10
Charge Voltage, DACV 6
0 = Adds 0mV of charge-voltage compliance.
1 = Adds 1024mV of charge-voltage compliance.
11
Charge Voltage, DACV 7
0 = Adds 0mV of charge-voltage compliance.
1 = Adds 2048mV of charge-voltage compliance.
12
Charge Voltage, DACV 8
0 = Adds 0mV of charge-voltage compliance.
1 = Adds 4096mV of charge-voltage compliance.
13
Charge Voltage, DACV 9
0 = Adds 0mV of charge-voltage compliance.
1 = Adds 8192mV of charge-voltage compliance.
14
Charge Voltage, DACV 10
0 = Adds 0mV of charge-voltage compliance.
1 = Adds 16,384mV of charge-voltage compliance, 19,200mV (max).
15
—
Not used. Normally a 32,768mV weight.
Command: 0x15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com