Electronic Components Datasheet Search
  English  ▼

X  

MAX8713 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8713
Description  Simplified Multichemistry SMBus Battery Charger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8713 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8713 Datasheet HTML 1Page - Maxim Integrated Products MAX8713 Datasheet HTML 2Page - Maxim Integrated Products MAX8713 Datasheet HTML 3Page - Maxim Integrated Products MAX8713 Datasheet HTML 4Page - Maxim Integrated Products MAX8713 Datasheet HTML 5Page - Maxim Integrated Products MAX8713 Datasheet HTML 6Page - Maxim Integrated Products MAX8713 Datasheet HTML 7Page - Maxim Integrated Products MAX8713 Datasheet HTML 8Page - Maxim Integrated Products MAX8713 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Simplified Multichemistry
SMBus Battery Charger
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDCSNS, VDCIN to GND ..........................................-0.3V to +30V
VBST to GND ..........................................................-0.3V to +36V
VBST to LX ................................................................-0.3V to +6V
VDHI to LX..................................................-0.3V to (VBST + 0.3V)
VLX to GND................................................................-6V to +30V
VDHI to GND ..............................................................-6V to +36V
VBATT, VCSIN to GND .............................................-0.3V to +20V
VCSIP to VCSIN .......................................................-0.3V to +0.3V
PGND to GND .......................................................-0.3V to +0.3V
VCCI, VCCV, VDAC, VREF to GND ..............-0.3V to (VLDO + 0.3V)
VDLOV, VLDO, VDD, VSCL, VSDA, VFREQ to GND ......-0.3V to +6V
VDLO to PGND ........................................-0.3V to (VDLOV + 0.3V)
LDO Short-Circuit Current...................................................25mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Thin QFN 4mm x 4mm (derate 20.8mW/°C
above +70°C).............................................................1667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDCIN = VDCSNS = 12V, VBATT = VCSIP = VCSIN = VBST = VLX = 8.4V, GND = PGND = 0, LDO = DLOV, CREF = CLDO = CDLOV = 1µF,
CDAC = 0.1µF , VDD = 3.3V. Pins CCI and CCV are compensated per Figure 1. TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE VOLTAGE REGULATION
ChargingVoltage() = 0x20D0
-0.6
+0.6
ChargingVoltage() = 0x1060
-1.0
+1.0
Battery Regulation Voltage Accuracy
ChargingVoltage() = 0x41A0 and 0x3130
-0.8
+0.8
%
ChargingVoltage() = 0x41A0, VDCIN = 19V
16.668
16.8
16.934
ChargingVoltage() = 0x3130, VDCIN = 19V
12.491
12.592
12.693
ChargingVoltage() = 0x20D0, VDCIN = 12V
8.439
8.4
8.442
Battery Full Charge Voltage
ChargingVoltage() = 0x1060, VDCIN = 12V
4.150
4.192
4.234
V
CHARGE CURRENT REGULATION
CSIP to CSIN Full-Scale Current-Sense
Voltage
VBATT = 8.4V, VDCIN = 12V
78.22
80.64
88.05
mV
ChargingCurrent() = 0x07e0
-3
+3
Compliance Current Accuracy
ChargingCurrent() = 0x03e0
-5
+5
%
ChargingCurrent() = 0x07e0
78.22
80.64
83.05
ChargingCurrent() = 0x03e0
37.68
39.68
41.68
ChargingCurrent() = 0x0180
13.82
15.36
16.88
Battery Charge Current-Sense Voltage
ChargingCurrent() = 0x0020
1.28
mV
BATT/CSIP/CSIN Input Voltage Range
0
19
V
VDCIN = 0 or charger not switching
0.1
1
µA
CSIP/CSIN Input Current
VCSIP = VCSIN = 19V
700
µA
SUPPLY AND LINEAR REGULATOR
DCIN Input Voltage Range
7.5
28.0
V
DCSNS Input Voltage Range
7.5
28.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com