Electronic Components Datasheet Search
  English  ▼

X  

MAX8713 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8713
Description  Simplified Multichemistry SMBus Battery Charger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8713 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8713 Datasheet HTML 17Page - Maxim Integrated Products MAX8713 Datasheet HTML 18Page - Maxim Integrated Products MAX8713 Datasheet HTML 19Page - Maxim Integrated Products MAX8713 Datasheet HTML 20Page - Maxim Integrated Products MAX8713 Datasheet HTML 21Page - Maxim Integrated Products MAX8713 Datasheet HTML 22Page - Maxim Integrated Products MAX8713 Datasheet HTML 23Page - Maxim Integrated Products MAX8713 Datasheet HTML 24Page - Maxim Integrated Products MAX8713 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
higher than the losses at VDCIN(MAX), consider increas-
ing the size of M1. Conversely, if the losses at
VDCIN(MAX) are significantly higher than the losses at
VIN(MIN), consider reducing the size of M1. If DCIN
does not vary over a wide range, the minimum power
dissipation occurs where the resistive losses equal the
switching losses. Choose a low-side MOSFET that has
the lowest-possible on-resistance (RDS(ON)), comes in
a moderate-sized package (i.e., one or two 8-pin SO,
DPAK, or D2PAK), and is reasonably priced. Make sure
that the DLO gate driver can supply sufficient current to
support the gate charge and the current injected into
the parasitic gate-to-drain capacitor caused by the
high-side MOSFET turning on; otherwise, cross-con-
duction problems can occur. Select devices that have
short turn-off times, and make sure that M2(tDOFF(MAX))
- M1(tDON(MIN)) < 30ns, and M1(tDOFF(MAX)) -
M2(tDON(MIN)) < 30ns. Failure to do so may result in
efficiency-killing shoot-through currents.
MOSFET Power Dissipation
Worst-case conduction losses occur at the duty-factor
extremes. For the high-side MOSFET, the worst-case
power dissipation (PD) due to resistance occurs at the
minimum supply voltage:
Generally, a small high-side MOSFET is desired to
reduce switching losses at high input voltages.
However, the RDS(ON) required to stay within package
power-dissipation limits often limits how small the
MOSFET can be. The optimum occurs when the switch-
ing (AC) losses equal the conduction (RDS(ON)) losses.
Switching losses in the high-side MOSFET can become
an insidious heat problem when maximum AC adapter
voltages are applied, due to the squared term in the
CV2f switching-loss equation. If the high-side MOSFET
that was chosen for adequate RDS(ON) at low supply
voltages becomes extraordinarily hot when subjected
to VIN(MAX), then choose a MOSFET with lower losses.
Calculating the power dissipation in M1 due to switch-
ing losses is difficult since it must allow for difficult
quantifying factors that influence the turn-on and turn-
off times. These factors include the internal gate resis-
tance, gate charge, threshold voltage, source
inductance, and PC board layout characteristics. The
following switching-loss calculation provides only a
very rough estimate and is no substitute for breadboard
evaluation, preferably including a verification using a
thermocouple mounted on M1:
where CRSS is the reverse transfer capacitance of M1,
and IGATE is the peak gate-drive source/sink current
(0.7A sourcing and 2.5A sinking).
For the low-side MOSFET (M2), the worst-case power
dissipation always occurs at maximum input voltage:
PD
R
(LOW-SIDE)
BATT
DCIN
LOAD
DS(ON)
-
V
V
I
2
2
=
 ×
1
PD(HS_SWITCHING)
DCIN(MAX)
RSS
SW
LOAD
GATE
VC
f
I
2I
2
=
××
×
×
PD
R
(HIGH-SIDE)
BATT
DCIN
LOAD
DS(ON)
V
V
I
2
2
=
 ×
Simplified Multichemistry
SMBus Battery Charger
______________________________________________________________________________________
21
FREQUENCY (Hz)
100k
10k
1k
-10
0
10
20
30
40
50
60
-20
-45
0
-90
100
1M
MAGNITUDE
PHASE
Figure 12. CCI Loop Response
BATTERY VOLTAGE (V)
10
8
2
4
6
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
012
VADAPTER = 12V
Figure 13. Ripple Current vs. Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com