Electronic Components Datasheet Search
  English  ▼

X  

MAX8713 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8713
Description  Simplified Multichemistry SMBus Battery Charger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8713 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8713 Datasheet HTML 2Page - Maxim Integrated Products MAX8713 Datasheet HTML 3Page - Maxim Integrated Products MAX8713 Datasheet HTML 4Page - Maxim Integrated Products MAX8713 Datasheet HTML 5Page - Maxim Integrated Products MAX8713 Datasheet HTML 6Page - Maxim Integrated Products MAX8713 Datasheet HTML 7Page - Maxim Integrated Products MAX8713 Datasheet HTML 8Page - Maxim Integrated Products MAX8713 Datasheet HTML 9Page - Maxim Integrated Products MAX8713 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Simplified Multichemistry
SMBus Battery Charger
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VDCSNS = 12V, VBATT = VCSIP = VCSIN = VBST = VLX = 8.4V, GND = PGND = 0, LDO = DLOV, CREF = CLDO = CDLOV = 1µF,
CDAC = 0.1µF , VDD = 3.3V. Pins CCI and CCV are compensated per Figure 1. TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRIP POINTS
BATT POWER_FAIL Threshold
VDCSNS falling
50
150
mV
BATT POWER_FAIL Threshold Hysteresis
50
400
mV
SWITCHING REGULATOR
RFREQ = 100k
Ω
637
862
VBATT = 8.4V
RFREQ = 400k
Ω
2550
3450
RFREQ = 100k
Ω
350
470
Off-Time
VBST - VLX = 4.5V
VBATT = 11V
RFREQ = 400k
Ω
1394
1866
ns
DLOV Supply Current
Charger not switching
10
µA
BST Supply Current
DHI high
15
µA
BST Input Quiescent Current
VDCIN = 0V, VBST = 23.5V, VBATT = VLX = 19V
1
µA
LX Input Bias Current
VDCIN = 28V, VBATT = VLX = 19V
500
µA
DHI On-Resistance High
VBST =12.9V, VBATT = 8.4V, VDCSNS = 12,
DHI= VLX; IDHI = -10mA
14
Ω
DHI On-Resistance Low
VBST =12.9V, VBATT = 8.4V, VCSNS = 12,
DHI = VBST; IDHI = +100mA
4
Ω
DLO On-Resistance High
VDLOV = 4.5V, IDLO = -10mA
14
Ω
DLO On-Resistance Low
VDLOV = 4.5V, IDLO = +100mA
4
Ω
ERROR AMPLIFIERS
GMV Amplifier Transconductance
ChargingVoltage() = 0x20d0, VBATT = 8.384V
0.0625
0.2500
mA/V
GMI Amplifier Transconductance
ChargingCurrent() = 0x03e0,
VCSIP - VCSIN = 39.68mV
0.5
2.0
mA/V
CCI/CCV Clamp Voltage
0.25V < VCCV/I < 2.0V
130
600
mV
SMBus INTERFACE LEVEL SPECIFICATIONS
SDA/SCL Input Low Voltage
VDD = 2.7V to 5.5V
0.8
V
SDA/SCL Input High Voltage
VDD = 2.7V to 5.5V
2.2
V
SDA/SCL Input Bias Current
VDD = 2.7V to 5.5V
-1
+1
µA
SDA, Output Sink Current
V(SDA) = 0.4V
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com