Electronic Components Datasheet Search
  English  ▼

X  

LD50 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # LD50
Description  Laser Contrast Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LD50 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  LD50 Datasheet HTML 1Page - Banner Engineering Corp. LD50 Datasheet HTML 2Page - Banner Engineering Corp. LD50 Datasheet HTML 3Page - Banner Engineering Corp. LD50 Datasheet HTML 4Page - Banner Engineering Corp. LD50 Datasheet HTML 5Page - Banner Engineering Corp. LD50 Datasheet HTML 6Page - Banner Engineering Corp. LD50 Datasheet HTML 7Page - Banner Engineering Corp. LD50 Datasheet HTML 8Page - Banner Engineering Corp. LD50 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Wiring Diagram
3
1
2
4
5
10-30V dc
Input
Wire
Load
Load
+
–
Note: Open lead wires must be connected to a terminal block.
1
4
5
3
2
Key
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
Note: The input wire function is user-selectable; see the Instruction Manual for details. The default for the input
wire function is off (disabled).
Cleaning and Maintenance
Handle the sensor with care during installation and operation. Sensor windows soiled by fingerprints, dust, water, oil, etc. may create
stray light that may degrade the peak performance of the sensor. Blow the window clear using filtered, compressed air, then clean as
necessary using 70% isopropyl alcohol and cotton swabs or water and a soft cloth.
Sensor Programming
Program the sensor using the buttons on the sensor or the input wire (limited programming options; see the Instruction Manual for
details).
In addition to programming the sensor, use the input wire to disable the buttons for security, preventing unauthorized or accidental
programming changes. See the Instruction Manual for more information.
Setup Mode
1. Access Setup mode from Run mode by pressing and holding MODE for longer than 2 seconds.
2. Use
or
to navigate through the top menu.
3. Select the desired submenu by pressing
and
simultaneously.
4. Press
or
to view the available options in the submenu.
5. Select a submenu option.
• Press
and
simultaneously to select and save a submenu option and return to the top menu.
• Press
and
simultaneously for longer than 2 seconds to select and save a submenu option and return to Run
mode.
Note: The current submenu selection is solid, all other selections flash.
To exit Setup mode from the top menu and return to Run mode, navigate to
and press
and
simultaneously, or press
and hold
and
simultaneously for longer than 2 seconds to return to Run mode from anywhere in the top menu.
Basic TEACH Instructions
Use the following instructions to teach the Q3X sensor. The instructions provided on the sensor display vary depending on the type of
TEACH mode selected. Two-point TEACH is the default TEACH mode.
1. Press and hold TEACH for longer than 2 seconds to start the selected TEACH mode.
2. Present the target.
3. Press TEACH to teach the target. The target is taught and the sensor waits for the second target, if required by the selected
TEACH mode, or returns to Run mode.
Complete steps 4 and 5 only if prompted by the sensor for the selected TEACH mode:
Q3X Laser Contrast Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 181486 Rev. F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com