Electronic Components Datasheet Search
  English  ▼

X  

LD50 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # LD50
Description  Laser Contrast Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LD50 Datasheet(HTML) 8 Page - Banner Engineering Corp.

  LD50 Datasheet HTML 1Page - Banner Engineering Corp. LD50 Datasheet HTML 2Page - Banner Engineering Corp. LD50 Datasheet HTML 3Page - Banner Engineering Corp. LD50 Datasheet HTML 4Page - Banner Engineering Corp. LD50 Datasheet HTML 5Page - Banner Engineering Corp. LD50 Datasheet HTML 6Page - Banner Engineering Corp. LD50 Datasheet HTML 7Page - Banner Engineering Corp. LD50 Datasheet HTML 8Page - Banner Engineering Corp. LD50 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Sensor Menu Map
no: do not reset to factory defaults
yes: reset to factory defaults
Two-Point Static Teach
Dynamic Teach
Light Set
Window Set
Top Menu
Sub Menu
off: no delays enabled
on: enable on and/or off delay (set value in Delay Timer menu)
1 Shot, fixed output pulse duration
LO = Single fixed duration, On pulse when moving into light state
DO = Single fixed duration, On pulse when moving into dark state
sec range, set Delay Timer value (seconds have decimal)
laser off when pulled low
laser on when pulled low
set: Remote Teach input
off: input is not active, ignore pulses
Master sync line for two sensor cross talk avoidance (response speed is 25 ms)
Slave sync line for two sensor cross talk avoidance (response speed is 25 ms)
display on
display on, inverted
display off (enters sleep mode after 60 seconds)
display off, inverted (enters sleep mode after 60 seconds)
end: exit setup
to
Teach Process Selection
Output Operation
Response Speed
Output Timing Delays
Delay Timer
Input Wire Function
Sensitivity
Display Read
Exit Setup
Reset to Factory Defaults
Available when
set to “1Sh”
Available when
set to “on”
ms
(
default setting)
BOTH
BOTH
BOTH
BOTH
BOTH
BOTH
BOTH
BOTH
BOTH
BOTH
BOTH
Light Operate
Dark Operate
Dark Set
(min, 10, 20, 30, 40, 50) - Window & Light Set options (20% is default for Light Set and Window)
(min, 25, 50, 100, 200) - Dark Set options ( 50% is default for Dark Set)
set Response Speed to 250 microseconds
set Response Speed to 1 millisecond
set Response Speed to 5 milliseconds
Offset Percentage
high sensitivity
low sensitivity
standard sensitivity
Menu not present when
is set to “off”
("ond" and "ofd" default to 0, “dt1” defaults to 1 or 10 depending on response speed setting)
Pct menu present when teach is set to Window, Light, or Dark
BOTH
sets
selection
Cut-off Output Operation BOTH
Output switches OFF when target is beyond background suppression distance
Output switches ON when target is beyond background suppression distance
Output follows LO/DO selection; sensor treats target in background as dark state
Response Speed menu not present when Input Wire Function set to Master or Slave
CtO menu is not present on the 300 mm LD models
Figure 11. Setup Mode Menu Map
Q3X Laser Contrast Sensor
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 181486 Rev. F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com