Electronic Components Datasheet Search
  English  ▼

X  

LD50 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LD50
Description  Laser Contrast Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LD50 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LD50 Datasheet HTML 1Page - Banner Engineering Corp. LD50 Datasheet HTML 2Page - Banner Engineering Corp. LD50 Datasheet HTML 3Page - Banner Engineering Corp. LD50 Datasheet HTML 4Page - Banner Engineering Corp. LD50 Datasheet HTML 5Page - Banner Engineering Corp. LD50 Datasheet HTML 6Page - Banner Engineering Corp. LD50 Datasheet HTML 7Page - Banner Engineering Corp. LD50 Datasheet HTML 8Page - Banner Engineering Corp. LD50 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
• Off—Outputs not conducting (open)
Stability Indicator (STB)
• On—Stable light signal received
• Flashing—Light intensity is within the switching threshold hysteresis band
• Off—No light signal received
Active TEACH Indicators (DYN and WND)
• DYN and WND off—Two-Point Static , Light Set, or Dark Set TEACH mode selected (Two-Point Static TEACH is the default).
• DYN and/or WND flashing—The sensor is in TEACH mode.
• DYN on—Dynamic TEACH mode selected
• WND on—Symmetric Window thresholds are active. The switch points are above and below 100 by the offset percentage
Buttons
Use the sensor buttons (-)(MODE) and (+)(TEACH) to program the sensor. See Sensor
Programming on page 4 for programming instructions.
(-)(MODE)
• Decrease gain: press and release (-)(MODE), then press and hold (-)(MODE) to rapidly decrease gain
• Enter Setup mode: press and hold (-)(MODE) for longer than 2 seconds
• Navigate the sensor menu: press (-)(MODE)
• Change setting values: press and hold (-)(MODE) to decrease numeric values
(+)(TEACH)
• Increase gain: press and release (+)(TEACH), then press and hold (+)(TEACH) to rapidly increase gain
• Start the currently selected TEACH mode: press and hold (+)(TEACH) for longer than 2 seconds (Two-Point Static TEACH is the
default)
• Navigate the sensor menu: press (+)(TEACH)
• Change setting values: press and hold (+)(TEACH) to increase numeric values
(-)(MODE) and (+)(TEACH)
• Select menu items in Setup mode: press (-)(MODE) and (+)(TEACH) simultaneously
• Select and save a parameter and return to Run mode: press (-)(MODE) and (+)(TEACH) simultaneously for longer than 2
seconds
When navigating the menu systems, the menu items loop.
Laser Description and Safety Information
CAUTION: Use of controls or adjustments or performance of procedures other than
those specified herein may result in hazardous radiation exposure. Do not attempt to
disassemble this sensor for repair. A defective unit must be returned to the
manufacturer.
Laser wavelength: 655 nm
Output: < 0.42 mW
Pulse Duration: 5 µs
Q3X Laser Contrast Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 181486 Rev. F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com