Electronic Components Datasheet Search
  English  ▼

X  

LD50 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LD50
Description  Laser Contrast Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LD50 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LD50 Datasheet HTML 1Page - Banner Engineering Corp. LD50 Datasheet HTML 2Page - Banner Engineering Corp. LD50 Datasheet HTML 3Page - Banner Engineering Corp. LD50 Datasheet HTML 4Page - Banner Engineering Corp. LD50 Datasheet HTML 5Page - Banner Engineering Corp. LD50 Datasheet HTML 6Page - Banner Engineering Corp. LD50 Datasheet HTML 7Page - Banner Engineering Corp. LD50 Datasheet HTML 8Page - Banner Engineering Corp. LD50 Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Installation
Install the Safety Label
The safety label must be installed on Q3X sensors that are used in the United
States.
Note: Position the label on the cable in a location that has
minimal chemical exposure.
1. Remove the protective cover from the adhesive on the label.
2. Wrap the label around the Q3X cable, as shown.
3. Press the two halves of the label together.
Figure 3. Safety Label Installation
Sensor Orientation
Correct sensor-to-target orientation is important to ensure proper
sensing. To ensure reliable detection, orient the sensor as shown in
relation to the target to be detected.
For models with background suppression, make sure the intended target
is inside of the contrast sensing range and that any background objects
are positioned beyond the background suppression distance.
Figure 4. Optimal Orientation of Target to Sensor
Sensor-to-Background Position
Target
Background
X
Y
X = Diffuse Sensing Range
Y = Recommended
Background
Distance
Model Number
X
Y
LD50
50 mm (1.97 in)
60 mm (2.36 in)
LD100
100 mm (3.94 in)
120 mm (4.72 in)
LD150
150 mm (5.91 in)
190 mm (7.48 in)
LD200
200 mm (7.87 in)
280 mm (11.02 in)
Figure 5. Q3XBLD Contrast Detection versus Background Suppression
Sensor Mounting
1. If a bracket is needed, mount the sensor onto the bracket.
2. Mount the sensor (or the sensor and the bracket) to the machine or equipment at the desired location. Do not tighten at this
time.
3. Check the sensor alignment.
4. Tighten the screws to secure the sensor (or the sensor and the bracket) in the aligned position.
Q3X Laser Contrast Sensor
P/N 181486 Rev. F
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com