Electronic Components Datasheet Search
  English  ▼

X  

WA06 Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA06
Description  Higher component and equipment reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA06 Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

  WA06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Approval sheet
Page 7 of 9
ASC_WA04/06_V16
Apr-2014
TEST AND REQUIREMENTS(JIS C 5201-1 : 1998)
Essentially all tests are carried out according to the schedule of IEC publication 115-8, category
LCT/UCT/56(rated temperature range : Lower Category Temperature, Upper Category Temperature; damp
heat, long term, 56 days). The testing also meets the requirements specified by EIA, EIAJ and JIS.
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical
robustness testing procedure for electronic components" and under standard atmospheric conditions according
to IEC 60068-1, subclause 5.3. Unless otherwise specified, the following value supplied :
Temperature: 15°C to 35°C.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
All soldering tests are performed with midly activated flux.
REQUIREMENT
TEST
PROCEDURE
Resistor
Jumper
DC resistance
Clause 4.5
DC resistance values measured at the test voltages specified below :
<10
Ω@0.1V,<100Ω@0.3V,<1KΩ@1.0V,<10KΩ@3V, <100KΩ@10V,
<1M
Ω@25V, <10MΩ@30V
Within the specified
tolerance
< 50m
Ω
Temperature Coefficient
of Resistance (T.C.R)
Clause 4.8
Natural resistance change per change in degree centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C)
t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
Refer to
“QUICK REFERENCE DATA”
N/a
Short time overload
(S.T.O.L)
Clause 4.13
Permanent resistance change after a 5second application of a
voltage 2.5 times RCWV or the maximum overload voltage specified
in the above list, whichever is less.
∆R/R max. ±(2%+0.10Ω)
< 50m
Ω
Resistance to soldering
heat(R.S.H)
Clause 4.18
Un-mounted chips completely immersed for 10±1second in a SAC
solder bath at 260℃±5ºC
ΔR/R max. ±(1%+0.05Ω)
no visible damage
< 50m
Ω
Solderability
Clause 4.17
Un-mounted chips completely immersed for 2±0.5 second in a SAC
solder bath at 235℃±5℃
good tinning (>95% covered)
no visible damage
Temperature cycling
Clause 4.19
30 minutes at -55
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, 30
minutes at +155
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, total 5
continuous cycles
ΔR/R max. ±(1%+0.05Ω)
no visible damage
< 50m
Ω
Load life (endurance)
Clause 4.25
1000 +48/-0 hours, loaded with RCWV or Vmax in chamber
controller 70±2ºC, 1.5 hours on and 0.5 hours off
ΔR/R max.±(3%+0.10Ω)
For 10
≤R<1M ;
ΔR/R max.±(5%+0.10Ω)
For R<10 , R
≥1M
< 50m
Ω
Load life in Humidity
Clause 4.24
1000 +48/-0 hours, loaded with RCWV or Vmax in humidity chamber
controller at 40
°C±2°C and 90~95% relative humidity, 1.5hours on
and 0.5 hours off
ΔR/R max.±(3%+0.10Ω)
For 10
≤R<1M ;
ΔR/R max.±(5%+0.10Ω)
For R<10 , R
≥1M
< 50m
Ω
Adhesion
Clause 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or removal of
the terminations.
Insulation Resistance
Clause 4.6
Apply the maximum overload voltage (DC) for 1minute
R≧10GΩ
Dielectric Withstand
Voltage
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minute
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com