Electronic Components Datasheet Search
  English  ▼

X  

WA06 Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA06
Description  Higher component and equipment reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA06 Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

  WA06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Approval sheet
Page 8 of 9
ASC_WA04/06_V16
Apr-2014
TEST CONDITION FOR JUMPER (0
Ω
Ω
Ω
Ω)
Item
WA04Y
WA04X
WA06X
WA06W
WA06T
Power Rating At 70
°C
1/16W
1/16W
1/10W
1/16W
1/10W
Resistance
MAX.50m
Ω
MAX.50m
Ω
MAX.50m
Ω
MAX.50m
Ω
MAX.50m
Ω
Rated Current
1A
1A
1A
2A
1A
Peak Current
1.5A
1.5A
3A
3A
3A
Operating Temperature
-55~155
°C
-55~155
°C
-55~155
°C
-55~155
°C
-55~155
°C
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WA
X
XXXX
X
X
L
Size code
06: 0603 (1608)
04:0402(1005)
Type code
X : x 4, Convex
W :x 8, Convex
T : x 4, Concave
Resistance code
5% E24 :
2
significant
digits
followed by no. of zeros and
a blank
4.7
Ω
=4R7_
10
Ω
=100_
220
Ω
=221_
Jumper
=000_
(“_” means a blank)
1%, E24+E96: 3 significant digits
followed by no. of zeros
100
Ω
=1000
37.4K
Ω
=3742
Tolerance
F:
±1%
J :
±5%
P : Jumper
Packaging code
T : 7” Reel taping
B : Bulk
G : 13” Reel taping
Termination code
L = Sn base (lead
free)
WA06X, WA06T
1.
Reeled tape packaging : 8mm width paper taping 5000pcs per 7” reel; 20,000pcs per 13” reel.
2.
Bulk packaging
: 5000pcs per polybag
WA06W
1.
Reeled tape packaging : 12mm width paper taping 5000pcs per 7” reel.
2.
Bulk packaging
: 5000pcs per polybag
WA04X,
.
Reeled tape packaging
: 8mm width paper taping 10,000pcs per 7” reel; 40,000pcs per 13” reel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com