Electronic Components Datasheet Search
  English  ▼

X  

WA06 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA06
Description  Higher component and equipment reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA06 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WA06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Approval sheet
Page 3 of 9
ASC_WA04/06_V16
Apr-2014
QUICK REFERENCE DATA
Item
General Specification
Series No.
WA04X(Convex)
WA06X(Convex)
WA06W(Convex)
WA06T(Concave)
Size
0402x4 (1005x4)
0603x4 (1608x4)
0602x8 (1605x8)
0603x4 (1608x4)
Resistance
Tolerance
±1%
±5%
±1%
±5%
±1%
±5%
±1%
±5%
Resistance
Range
10
Ω ~
1M
Ω
1
Ω ~ 1MΩ
Jumper
10
Ω ~ 1MΩ
1
Ω ~ 10MΩ
Jumper,
10
Ω ~ 100KΩ, 10Ω ~ 100KΩ
Jumper,
10
Ω ~ 1MΩ, 10Ω ~ 1MΩ,
Jumper
TCR (ppm/
°C)
10
Ω ≤ R ≤ 1MΩ
R<10
Ω, R>1MΩ
≤ ± 200
-
≤ ± 200
≤ ± 250
≤ ±100
-
≤ ±200
-300~+500
≤ ±200
-
≤ ± 200
-
≤ ± 200
-
≤ ± 200
-
Max. dissipation
at Tamb=70
°C
1/16 W
1/10 W
1/16 W
1/10 W
Max. Operation
Voltage (DC or
RMS)
50V
50V
50V
50V
Max. overload
voltage
100V
100V
100V
100V
Climatic
category
55/155/56
55/155/56
55/155/56
Note :
1.
Climatic category refer to IEC 60068
2.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
3.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS (unit : mm)
WA04X
WA06X
L
2.00
± 0.10
3.20
± 0.10
W
1.00
± 0.10
1.60
± 0.10
T
0.45
± 0.10
0.50
± 0.10
P
0.50
± 0.05
0.80
± 0.10
A
0.40
± 0.10
0.60
± 0.10
B
0.20
± 0.10
0.30
± 0.10
C
0.30
± 0.05
0.40
± 0.10
G
0.25
± 0.10
0.30
± 0.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com