Electronic Components Datasheet Search
  English  ▼

X  

WA06 Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA06
Description  Higher component and equipment reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA06 Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WA06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WA06 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Approval sheet
Page 1 of 9
ASC_WA04/06_V16
Apr-2014
WA04, WA06
±±±±1%, ±±±±5%, Convex Type & Concave Type
General purpose chip resistors array
Size 0402x4, 0603x4 (8p4R)
Size 0602x8 (16p8R)
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WA06

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WA06W WALSIN-WA06W Datasheet
245Kb / 8P
Higher component and equipment reliability
WA06W000-FTLN WALSIN-WA06W000-FTLN Datasheet
245Kb / 8P
Higher component and equipment reliability
WA06W000-JTLN WALSIN-WA06W000-JTLN Datasheet
245Kb / 8P
Higher component and equipment reliability
WA06W000-PTLN WALSIN-WA06W000-PTLN Datasheet
245Kb / 8P
Higher component and equipment reliability
WA06W100-FTLN WALSIN-WA06W100-FTLN Datasheet
245Kb / 8P
Higher component and equipment reliability
More results

Similar Description - WA06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0603FR-0710KL ETC2-RC0603FR-0710KL Datasheet
402Kb / 9P
Reducing environmentally hazarduous wastes, High component and equipment reliability
logo
WALSIN TECHNOLOGY CORPO...
WA02A WALSIN-WA02A Datasheet
233Kb / 7P
Higher component and equipment reliability
WA02B WALSIN-WA02B Datasheet
227Kb / 7P
Higher component and equipment reliability
WA04Y WALSIN-WA04Y Datasheet
409Kb / 7P
Higher component and equipment reliability
WA06W WALSIN-WA06W Datasheet
245Kb / 8P
Higher component and equipment reliability
WA06Y WALSIN-WA06Y Datasheet
220Kb / 8P
Higher component and equipment reliability
WF10A WALSIN-WF10A Datasheet
601Kb / 7P
Higher component and equipment reliability
WF10H WALSIN-WF10H Datasheet
221Kb / 7P
Higher component and equipment reliability
WF12G WALSIN-WF12G Datasheet
261Kb / 7P
Higher component and equipment reliability
WF12H WALSIN-WF12H Datasheet
222Kb / 6P
Higher component and equipment reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com