Electronic Components Datasheet Search
  English  ▼

X  

LM75 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM75
Description  2-Wire Serial Temperature Sensor and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM75 Datasheet(HTML) 1 Page - ON Semiconductor

  LM75 Datasheet HTML 1Page - ON Semiconductor LM75 Datasheet HTML 2Page - ON Semiconductor LM75 Datasheet HTML 3Page - ON Semiconductor LM75 Datasheet HTML 4Page - ON Semiconductor LM75 Datasheet HTML 5Page - ON Semiconductor LM75 Datasheet HTML 6Page - ON Semiconductor LM75 Datasheet HTML 7Page - ON Semiconductor LM75 Datasheet HTML 8Page - ON Semiconductor LM75 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 0
1
Publication Order Number:
LM75/D
LM75
2-Wire Serial Temperature
Sensor and Monitor
The LM75 is a serially programmable temperature sensor that
notifies the host controller when ambient temperature exceeds a
user–programmed setpoint. Hysteresis is also programmable. The
INT/CMPTR output is programmable as either a simple comparator
for thermostat operation or as a temperature event interrupt.
Communication with the LM75 is accomplished via a two–wire bus
that is compatible with industry standard protocols. This permits
reading the current temperature, programming the setpoint and
hysteresis, and configuring the device.
The LM75 powers up in Comparator Mode with a default setpoint
of 80
°C with 5°C hysteresis. Defaults allow independent operation as
a stand–alone thermostat. A shutdown command may be sent via the
2–wire bus to activate the low–power standby mode. Address
selection inputs allow up to eight LM75’s to share the same 2–wire bus
for multi–zone monitoring.
All registers can be read by the host and the INT/CMPTR output’s
polarity is user programmable. Both polled and interrupt driven
systems are easily accommodated. Small physical size, low installed
cost, and ease of use make the LM75 an ideal choice for implementing
sophisticated system management schemes.
Features
Temperature Sensing: 0.5°C Accuracy (Typ.)
Operates from: 55°C to +125°C
Operating Range: 2.7V – 5.5V
Programmable Trip Point and Hysteresis with
Power–up Defaults
Standard 2–Wire Serial Interface
Thermal Event Alarm Output Functions as Interrupt or Comparator /
Thermostat Output
Up to 8 LM75’s May Share the Same Bus
Shutdown Mode for Low Standby Power Consumption
5V Tolerant I/O at VDD= 3V
Low Power 250µA (Typ.) Operating, 1µA (Typ.)
Shutdown Mode
Typical Applications
Thermal Protection for High Performance CPUs
Solid–State Thermometer
Fire/Heat Alarms
Thermal Management in Electronic Systems:
Computers
Telecom Racks
Power Supplies / UPS
Copiers / Office Electronics
Consumer Electronics / Amplifiers
Process Control
Micro8
DM SUFFIX
CASE TBD
PRELIMINARY INFORMATION
http://onsemi.com
PIN CONFIGURATION
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
LM75DM–33R2
Micro–8
2500 Tape/Reel
1
2
3
4
SDA
SCL
INT/CMPTR
GND
8
7
6
5
V
A0
A1
A2
DD
LM75
LM75DM–50R2
Micro–8
2500 Tape/Reel


Similar Part No. - LM75

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Seoul Semiconductor
LM750Z SEOUL-LM750Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM751 SEOUL-LM751 Datasheet
376Kb / 14P
INFRARED LAMP LED
More results

Similar Description - LM75

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75A MICROCHIP-TCN75A Datasheet
1Mb / 32P
2-Wire Serial Temperature Sensor
2006
logo
ON Semiconductor
ADT7485A ONSEMI-ADT7485A Datasheet
341Kb / 12P
Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
Microchip Technology
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
S5851A SII-S5851A Datasheet
569Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A_1 Datasheet
511Kb / 40P
2-Wire Serial Temperature Sensor
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com