Electronic Components Datasheet Search
  English  ▼

X  

LM75 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM75
Description  2-Wire Serial Temperature Sensor and Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM75 Datasheet(HTML) 4 Page - ON Semiconductor

  LM75 Datasheet HTML 1Page - ON Semiconductor LM75 Datasheet HTML 2Page - ON Semiconductor LM75 Datasheet HTML 3Page - ON Semiconductor LM75 Datasheet HTML 4Page - ON Semiconductor LM75 Datasheet HTML 5Page - ON Semiconductor LM75 Datasheet HTML 6Page - ON Semiconductor LM75 Datasheet HTML 7Page - ON Semiconductor LM75 Datasheet HTML 8Page - ON Semiconductor LM75 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM75
http://onsemi.com
4
DETAILED OPERATING DESCRIPTION
A typical LM75 hardware connection is shown in Figure 1.
Figure 1. Typical Application
+V DD
A 0
A 1
A 2
SDA
SCL
TCN75
C Bypass
7
6
5
1
3
2
8
Address
(Set as Desired)
Interface
4
0.1
mF Recommended
Unless Device is
Mounted Close to CPU
Two Wire
INT/CMPTR
Serial Data (SDA)
Bidirectional. Serial data is transferred in both directions
using this pin.
Serial Clock (SCL)
Input. Clocks data into and out of the LM75.
INT/CMPTR
Open Collector, Programmable Polarity. In Comparator
Mode, unconditionally driven active any time temperature
exceeds the value programmed into the TSET register.
INT/CMPTR will become inactive when temperature
subsequently falls below the THYST setting. (See Register Set
and
Programmer’s
Model.)
In
Interrupt
Mode,
INT/CMPTR is made active by TEMP exceeding TSET; it is
unconditionally reset to its inactive state by reading any
register via the 2–wire bus. If and when temperature falls
below THYST, INT/CMPTR is again driven active. Reading
any register will clear the THYST interrupt. In Interrupt Mode,
the INT/CMPTR output is unconditionally reset upon
entering Shutdown Mode. If programmed as an active–low
output, it can be wire–ORed with any number of other open
collector devices. Most systems will require a pull–up
resistor for this configuration.
Note that current sourced from the pull–up resistor causes
power dissipation and may cause internal heating of the
LM75. To avoid affecting the accuracy of ambient
temperature readings, the pull–up resistor should be made as
large as possible. INT/CMPTR’s output polarity may be
programmed by writing to the INT/CMPTR POLARITY bit
in the CONFIG register. The default is active low.
Address (A2, A1, A0)
Inputs. Sets the three least significant bits of the LM75
8–bit address. A match between the LM75’s address and the
address specified in the serial bit stream must be made to
initiate
communication
with
the
LM75.
Many
protocol–compatible devices with other addresses may
share the same 2–wire bus.
Slave Address
The four most significant bits of the Address Byte (A6,
A5, A4, A3) are fixed to 1001[B]. The states of A2, A1 and
A0 in the serial bit stream must match the states of the A2,
A1 and A0 address inputs for the LM75 to respond with an
Acknowledge (indicating the LM75 is on the bus and ready
to accept data). The Slave Address is represented by:
LM75 Slave Address
1
0
0
1
A2
A1
A0
MSB
LSB
Comparator/Interrupt Modes
INT/CMPTR behaves differently depending on whether
the LM75 is in Comparator Mode or Interrupt Mode.
Comparator Mode is designed for simple thermostatic
operation. INT/CMPTR will go active anytime TEMP
exceeds TSET. When in Comparator Mode, INT/CMPTR
will remain active until TEMP falls below THYST, whereupon
it will reset to its inactive state. The state of INT/CMPTR is
maintained in shutdown mode when the LM75 is in
comparator mode. In Interrupt Mode, INT/CMPTR will
remain active indefinitely, even if TEMP falls below THYST,
until any register is read via the 2–wire bus. Interrupt Mode
is better suited to interrupt driven microprocessor–based
systems. The INT/CMPTR output may be wire–OR’ed with
other interrupt sources in such systems. Note that a pull–up
resistor is necessary on this pin since it is an open–drain
output. Entering Shutdown Mode will unconditionally reset
INT/CMPTR when in Interrupt Mode.
SHUTDOWN MODE
When the appropriate bit is set in the configuration
register (CONFIG) the LM75 enters its low–power
shutdown
mode
(IDD = 1µA, typical) and the
temperature–to–digital conversion process is halted. The
LM75’s bus interface remains active and TEMP, TSET, and
THYST may be read from and written to. Transitions on SDA
or SCL due to external bus activity may increase the standby
power consumption. If the LM75 is in Interrupt Mode, the
state of INT/CMPTR will be RESET upon entering
shutdown mode.
Fault Queue
To lessen the probability of spurious activation of
INT/CMPTR the LM75 may be programmed to filter out
transient events. This is done by programming the desired
value into the Fault Queue. Logic inside the LM75 will
prevent the device from triggering INT/CMPTR unless the
programmed number of sequential temperature–to–digital
conversions yield the same qualitative result. In other words,
the value reported in TEMP must remain above TSET or
below THYST for the consecutive number of cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com