Electronic Components Datasheet Search
  English  ▼

X  

LM4925MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4925MM
Description  2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4925MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4925MM Datasheet HTML 5Page - National Semiconductor (TI) LM4925MM Datasheet HTML 6Page - National Semiconductor (TI) LM4925MM Datasheet HTML 7Page - National Semiconductor (TI) LM4925MM Datasheet HTML 8Page - National Semiconductor (TI) LM4925MM Datasheet HTML 9Page - National Semiconductor (TI) LM4925MM Datasheet HTML 10Page - National Semiconductor (TI) LM4925MM Datasheet HTML 11Page - National Semiconductor (TI) LM4925MM Datasheet HTML 12Page - National Semiconductor (TI) LM4925MM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Typical Performance Characteristics (Continued)
Power Dissipation vs Output Power
V
DD = 3V, RL =8
Ω, BTL, f = 1kHz
Power Dissipation vs Output Power
V
DD = 3V, RL =16
Ω, SE, f = 1kHz
20121125
20121126
Power Supply Rejection vs Frequency
V
DD = 1.8V, RL =8
Ω, BTL
V
RIPPLE = 200mVp-p, AV-BTL = 2V/V
Power Supply Rejection vs Frequency
V
DD = 1.8V, RL =16
Ω,SE
V
RIPPLE = 200mVp-p, AV = 2.5V/V
20121129
20121130
Power Supply Rejection vs Frequency
V
DD = 3V, RL =8
Ω, BTL
V
RIPPLE = 200mVp-p, AV-BTL = 2V/V
Power Supply Rejection vs Frequency
V
DD = 3V, RL =16
Ω,SE
V
RIPPLE = 200mVp-p, AV = 2.5V/V
20121131
20121132
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com