Electronic Components Datasheet Search
  English  ▼

X  

LM4925MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4925MM
Description  2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4925MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4925MM Datasheet HTML 7Page - National Semiconductor (TI) LM4925MM Datasheet HTML 8Page - National Semiconductor (TI) LM4925MM Datasheet HTML 9Page - National Semiconductor (TI) LM4925MM Datasheet HTML 10Page - National Semiconductor (TI) LM4925MM Datasheet HTML 11Page - National Semiconductor (TI) LM4925MM Datasheet HTML 12Page - National Semiconductor (TI) LM4925MM Datasheet HTML 13Page - National Semiconductor (TI) LM4925MM Datasheet HTML 14Page - National Semiconductor (TI) LM4925MM Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful amplifier, whether the amplifier is bridged (BTL)
or single-ended. A direct consequence of the increased
power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Since the LM4925 has
two operational amplifiers in one package, the maximum
internal power dissipation in BTL mode is 4 times that of a
single-ended amplifier. The maximum power dissipation for a
given application can be derived from the power dissipation
graphs or from Equation 1.
P
DMAX =4*(VDD)
2 /(2
π2R
L)
(1)
When operating in single ended mode, Equation 2 states the
maximum power dissipation point for a single-ended ampli-
fier operating at a given supply voltage and driving a speci-
fied output load.
P
DMAX =(VDD)
2 /(2
π2R
L)
(2)
Since the LM4925 has two operational amplifiers in one
package, the maximum internal power dissipation point is
twice that of the number that results from Equation 2.
The maximum power dissipation point obtained from either
Equations 1, 2 must not be greater than the power dissipa-
tion that results from Equation 3:
P
DMAX =(TJMAX -TA)/
θ
JA
(3)
For package MUB10A,
θ
JA = 175˚C/W. TJMAX = 150˚C for
the LM4925. Depending on the ambient temperature, T
A,of
the system surroundings, Equation 3 can be used to find the
maximum internal power dissipation supported by the IC
packaging. If the result of Equation 1 or 2 is greater than that
of Equation 3, then either the supply voltage must be de-
creased, the load impedance increased or T
A reduced. For
the typical application of a 3.0V power supply, with an 16
Ω
load, the maximum ambient temperature possible without
violating the maximum junction temperature is approximately
129˚C provided that device operation is around the maxi-
mum power dissipation point. Thus, for typical applications,
power dissipation is not an issue. Power dissipation is a
function of output power and thus, if typical operation is not
around the maximum power dissipation point, the ambient
temperature may be increased accordingly. Refer to the
Typical Performance Characteristics curves for power dissi-
pation information for lower output powers.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is important
for low noise performance and high power supply rejection.
The capacitor location on the power supply pins should be
as close to the device as possible. Typical applications em-
ploy a battery (or 3.0V regulator) with 10µF tantalum or
electrolytic capacitor and a ceramic bypass capacitor that
aid in supply stability. This does not eliminate the need for
bypassing the supply nodes of the LM4925. A bypass ca-
pacitor value in the range of 0.1µF to 4.7µF is recom-
mended.
MICRO POWER SHUTDOWN
The voltage applied to the SHUTDOWN pin controls the
LM4925’s shutdown function. Activate micro-power shut-
down by applying a logic-low voltage to the SHUTDOWN
pin. When active, the LM4925’s micro-power shutdown fea-
ture turns off the amplifier’s bias circuitry, reducing the sup-
ply current. A voltage that is higher than ground may in-
crease the shutdown current. There are a few ways to
control the micro-power shutdown. These include using a
single-pole, single-throw switch, a microprocessor, or a mi-
crocontroller. When using a switch, connect an external
100k
Ω pull-up resistor between the SHUTDOWN pin and
V
DD. Connect the switch between the SHUTDOWN pin and
ground. Select normal amplifier operation by opening the
switch. Closing the switch connects the SHUTDOWN pin to
ground, activating micro-power shutdown. The switch and
resistor guarantee that the SHUTDOWN pin will not float.
This prevents unwanted state changes. In a system with a
microprocessor or microcontroller, use a digital output to
apply the control voltage to the SHUTDOWN pin. Driving the
SHUTDOWN pin with active circuitry eliminates the pull-up
resistor. Shutdown enable/disable times are controlled by a
combination of C
bypass and VDD. Larger values of Cbypass
results in longer turn on/off times from Shutdown. Longer
shutdown times also improve the LM4925’s resistance to
click and pop upon entering or returning from shutdown. For
a 3.0V supply and C
bypass = 4.7µF, the LM4925 requires
about 2 seconds to enter or return from shutdown. This
longer shutdown time enables the LM4925 to have virtually
zero pop and click transients upon entering or release from
shutdown. Smaller values of C
bypass will decrease turn-on
time, but at the cost of increased pop and click and reduced
PSRR. When the LM4925 is in shutdown, the outputs be-
come very low impedance (less than 5
Ω to GND).
MUTE
The LM4925 also features a mute function that enables
extremely fast turn-on/turn-off with a minimum of output pop
and click. The mute function leaves the outputs at their bias
level, thus resulting in higher power consumption than shut-
down mode, but also provides much faster turn on/off times.
Providing a logic low signal on the MUTE pin enables mute
mode. Threshold voltages and activation techniques match
those given for the shutdown function as well.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications us-
ing integrated power amplifiers is critical to optimize device
and system performance. While the LM4925 is tolerant of
external component combinations, consideration to compo-
nent values must be used to maximize overall system qual-
ity. The LM4925 is unity-gain stable that gives the designer
maximum system flexibility. The LM4925 should be used in
low gain configurations to minimize THD+N values, and
maximize the signal to noise ratio. Low gain configurations
require large input signals to obtain a given output power.
Input signals equal to or greater than 1Vrms are available
from sources such as audio codecs. Very large values
should not be used for the gain-setting resistors. Values for
Ri and Rf should be less than 1M
Ω. Please refer to the
section, Audio Power Amplifier Design, for a more complete
explanation of proper gain selection. Besides gain, one of
the major considerations is the closed-loop bandwidth of the
amplifier. To a large extent, the bandwidth is dictated by the
choice of external components shown in Figures 2 and 3.
The input coupling capacitor, Ci, forms a first order high pass
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com