Electronic Components Datasheet Search
  English  ▼

X  

LM4925MM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4925MM
Description  2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4925MM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4925MM Datasheet HTML 7Page - National Semiconductor (TI) LM4925MM Datasheet HTML 8Page - National Semiconductor (TI) LM4925MM Datasheet HTML 9Page - National Semiconductor (TI) LM4925MM Datasheet HTML 10Page - National Semiconductor (TI) LM4925MM Datasheet HTML 11Page - National Semiconductor (TI) LM4925MM Datasheet HTML 12Page - National Semiconductor (TI) LM4925MM Datasheet HTML 13Page - National Semiconductor (TI) LM4925MM Datasheet HTML 14Page - National Semiconductor (TI) LM4925MM Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
filter that limits low frequency response. This value should be
chosen based on needed frequency response and turn-on
time.
SELECTION OF INPUT CAPACITOR SIZE
Amplifying the lowest audio frequencies requires a high
value input coupling capacitor, Ci. A high value capacitor can
be expensive and may compromise space efficiency in por-
table designs. In many cases, however, the headphones
used in portable systems have little ability to reproduce
signals below 60Hz. Applications using headphones with this
limited frequency response reap little improvement by using
a high value input capacitor. In addition to system cost and
size, turn on time is affected by the size of the input coupling
capacitor Ci. A larger input coupling capacitor requires more
charge to reach its quiescent DC voltage. This charge
comes from the output via the feedback. Thus, by minimizing
the capacitor size based on necessary low frequency re-
sponse, turn-on time can be minimized. A small value of Ci
(in the range of 0.1µF to 0.47µF), is recommended.
AUDIO POWER AMPLIFIER DESIGN
A 25mW/32
Ω Audio Amplifier
Given:
Power Output
10mWrms
Load Impedance
16
Ω
Input Level
0.4Vrms
Input Impedance
20k
Ω
A designer must first choose a mode of operation (SE or
BTL) and determine the minimum supply rail to obtain the
specified output power. By extrapolating from the Output
Power vs. Supply Voltage graphs in the Typical Performance
Characteristics section, the supply rail can be easily found.
3.0V is a standard voltage in most applications, it is chosen
for the supply rail. Extra supply voltage creates headroom
that allows the LM4925to reproduce peak in excess of
10mW without producing audible distortion. At this time, the
designer must make sure that the power supply choice along
with the output impedance does not violate the conditions
explained in the Power Dissipation section. Once the power
dissipation equations have been addressed, the required
gain can be determined from Equation 2.
(4)
From Equation 4, the minimum AV is 1; use A
V = 1. Since the
desired input impedance is 20k, and with a A
V gain of 1, a
ratio of 1:1 results from Equation 1 for R
f to R. The values
are chosen with R
i = 20k and Rf = 20k. The final design step
is to address the bandwidth requirements which must be
stated as a pair of -3dB frequency points. Five times away
from a -3dB point is 0.17dB down from passband response
which is better than the required ± 0.25dB specified.
f
L = 100Hz/5 = 20Hz
f
H = 20kHz*5= 100kHz
As stated in the External Components section, R
i in con-
junction with C
i creates a
C
i
≥ 1/(2π * 20kΩ * 20Hz) = 0.397µF; use 0.39µF.
The high frequency pole is determined by the product of the
desired frequency pole, fH, and the differential gain, A
V. With
an AV
V = 1 and fH = 100kHz, the resulting GBWP = 100kHz
which is much smaller than the LM4925GBWP of 3MHz.
This example displays that if a designer has a need to design
an amplifier with higher differential gain, the LM4925can still
be used without running into bandwidth limitations.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com