Electronic Components Datasheet Search
  English  ▼

X  

LM4925MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4925MM
Description  2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4925MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4925MM Datasheet HTML 1Page - National Semiconductor (TI) LM4925MM Datasheet HTML 2Page - National Semiconductor (TI) LM4925MM Datasheet HTML 3Page - National Semiconductor (TI) LM4925MM Datasheet HTML 4Page - National Semiconductor (TI) LM4925MM Datasheet HTML 5Page - National Semiconductor (TI) LM4925MM Datasheet HTML 6Page - National Semiconductor (TI) LM4925MM Datasheet HTML 7Page - National Semiconductor (TI) LM4925MM Datasheet HTML 8Page - National Semiconductor (TI) LM4925MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4925
2 Cell, Single Ended Output, 40mW Stereo Headphone
Audio Amplifier
General Description
The unity gain stable LM4925 is both a mono differential
output (for BTL operation) audio amplifier and a Single
Ended (SE) stereo headphone amplifier. Operating on a
single 3V supply, the mono-BTL mode delivers 410mW into
an 8
Ω load at 1% THD+N. In Single Ended stereo head-
phone mode, the amplifier delivers 40mW per channel into a
16
Ω load at 1% THD+N.
With the LM4925 packaged in the MM and LLP packages,
the customer benefits include low profile and small size. This
package minimizes PCB area and maximizes output power.
The LM4925 features circuitry that reduces output transients
(“clicks” and “pops”) during device turn-on and turn-off, an
externally controlled, low-power consumption, active-low
shutdown mode, and thermal shutdown. Boomer audio
power amplifiers are designed specifically to use few exter-
nal components and provide high quality output power in a
surface mount package.
Key Specifications
n
Mono-BTL Output Power
n
(R
L =8
Ω,V
DD = 3.0V, THD+N = 1%)
410mW (typ)
n
Single Ended Output Power Per Channel
n
(R
L =16
Ω,V
DD = 3.0V, THD+N = 1%)
40mW (typ)
n
Micropower shutdown current
0.1µA (typ)
n
Supply voltage operating range
1.5V < V
DD < 3.6V
n
PSRR 100Hz, V
DD = 3V, BTL
70dB (typ)
Features
n
BTL mode for mono speaker
n
2-cell 1.5V to 3.6V battery operation
n
Single ended headphone operation with output coupling
capacitors
n
Unity-gain stable
n
“Click and pop” suppression circuitry for both Shutdown
and Mute
n
Active low micro-power shutdown
n
Active-low mute mode
n
Thermal shutdown protection circuitry
Applications
n
Portable two-cell audio products
n
Portable two-cell electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20121157
FIGURE 1. Block Diagram
February 2005
© 2005 National Semiconductor Corporation
DS201211
www.national.com


Similar Part No. - LM4925MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
Texas Instruments
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
National Semiconductor ...
LM49250RL NSC-LM49250RL Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
Texas Instruments
LM49250RL/NOPB TI1-LM49250RL/NOPB Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
More results

Similar Description - LM4925MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
Stereo 40mW Low Noise Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com