Electronic Components Datasheet Search
  English  ▼

X  

9860 Datasheet(PDF) 76 Page - Intel Corporation

Part # 9860
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9860 Datasheet(HTML) 76 Page - Intel Corporation

Back Button 9860 Datasheet HTML 72Page - Intel Corporation 9860 Datasheet HTML 73Page - Intel Corporation 9860 Datasheet HTML 74Page - Intel Corporation 9860 Datasheet HTML 75Page - Intel Corporation 9860 Datasheet HTML 76Page - Intel Corporation 9860 Datasheet HTML 77Page - Intel Corporation 9860 Datasheet HTML 78Page - Intel Corporation 9860 Datasheet HTML 79Page - Intel Corporation 9860 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
76
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Table 30. I/O Electrical Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Input Low voltage
VIL
––
0.8
V
TTL inputs
––
30
% VCC
CMOS inputs
2
––
1.0
Schmitt triggers
3
Input High voltage
VIH
2.0
––
V
TTL inputs
70
––
% VCC
CMOS inputs
2
VCC - 1.0
––
V
Schmitt triggers
3
Hysteresis voltage
–
1.0
––
V
Schmitt triggers
3
Output Low voltage
VOL
––
0.4
V
IOL = 1.6 mA
Output Low voltage (LED)
VOLL
––
1.0
V
IOLL = 10 mA
Output High voltage
VOH
2.2
––
VIOH = 40
µA
Input Low current
IIL
-100
––
µA
–
Input High current
IIH
––
100
µA
–
Output rise / fall time
TRF
–
310
ns
CL = 15 pF
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production
testing.
2. Does not apply to IRB pins. Refer to Table 31 and Table 32 for IRB I/O characteristics.
3. Applies to RESET, CLK25, IR100SNGL, IR100COL, IR100DATn, IR100CLK, and IR10CLK pins.
Table 31. 100 Mbps IRB Electrical Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Output Low voltage
VOL
–
.3
.7
V
RL = 330
Ω
Output rise or fall time
TRF
–
410
ns
CL =
15 pF
Input High voltage
VIH
VCC - 2.0
––
V
CMOS inputs
VCC - 1.0
––
V
IR100CLK (Schmitt trigger)
Input Low voltage
VIL
––
2.0
V
CMOS inputs
––
1.0
IR100CLK (Schmitt trigger)
Hysteresis voltage
–
1.0
––
V
IR100CLK (Schmitt trigger)
3.3V Operation
IR100CFS current
single drive
––
6.8
–
mA
RL = 215
Ω
collision
––
13.5
–
mA
RL = 215
Ω
IR100CFSBP current
single drive
––
16.1
–
mA
RL = 91
Ω2
collision
––
31.8
–
mA
RL = 91
Ω2
IR100CFS/BP voltage
single drive
––
1.83
–
V
–
collision
––
0.4
–
V
–
5.0V Operation
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to
production testing.
2. 91
Ω resistors provide greater noise immunity. Systems using 91Ω resistors are backwards stackable with
systems using 100
Ω resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com