Electronic Components Datasheet Search
  English  ▼

X  

9860 Datasheet(PDF) 13 Page - Intel Corporation

Part # 9860
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9860 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 9860 Datasheet HTML 9Page - Intel Corporation 9860 Datasheet HTML 10Page - Intel Corporation 9860 Datasheet HTML 11Page - Intel Corporation 9860 Datasheet HTML 12Page - Intel Corporation 9860 Datasheet HTML 13Page - Intel Corporation 9860 Datasheet HTML 14Page - Intel Corporation 9860 Datasheet HTML 15Page - Intel Corporation 9860 Datasheet HTML 16Page - Intel Corporation 9860 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
13
Table 1.
Signal Types
Type
Name
Definition
I
Input
Standard input-only signal.
O
Output
Standard output-only signal.
I/O
Bidirectional
Input and output signal.
A
Analog
Current source signal.
OD
Open Drain
Output that will only drive the signal Low.
OS
Open Source
Output that will only drive the signal High.
PD
Pull Down
Internal, weak pull down signal.
PU
Pull Up
Internal, weak pull up signal.
NC
No Clamp
Pad does not clamp input in the absence of power.
Table 2.
LXT98x0 Pins, Numeric Order
Pin
Symbol
Type
1,2
Reference
for Full Description
1.
GND
-
Table 9 on page 28
2.
IR10CFS
A, I/O, OD
Table 5 on page 22
3.
IR10COL
I/O, OD, PU
Table 5 on page 22
4.
IR10COLBP
I/O, OD
Table 5 on page 22
5.
IR10CFSBP
A I/O, OD
Table 5 on page 22
6.
IR10DEN
O, OD
Table 5 on page 22
7.
GND
-
Table 9 on page 28
8.
VCC
-
Table 9 on page 28
9.
MII1_SPD
I, PU
Table 3 on page 20
10.
IR10ENA
O,
Table 3 on page 20
11.
IR10DAT
O
Table 3 on page 20
12.
IR10CLK
I/O
Table 5 on page 22
13.
MII1_CRS
O
Table 3 on page 20
14.
MII1_COL
O
Table 3 on page 20
15.
GND
-
Table 9 on page 28
16.
VCC
-
Table 9 on page 28
17.
MII1_TXD3
I
Table 3 on page 20
18.
MII2_SPD
I
Table 3 on page 20
19.
MII1_TXD2
I
Table 3 on page 20
20.
MII1_TXD1
I
Table 3 on page 20
21.
MII1_TXD0
I
Table 3 on page 20
1. Refer to Table 1 for Signal Type definitions.
2. Pins are 5V tolerant, unless indicated.
3. Input must be static; Refer to “LED Pins Multiplexed with
Configuration Inputs” on page 69 for information on pin use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com