Electronic Components Datasheet Search
  English  ▼

X  

9860 Datasheet(PDF) 21 Page - Intel Corporation

Part # 9860
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9860 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 9860 Datasheet HTML 17Page - Intel Corporation 9860 Datasheet HTML 18Page - Intel Corporation 9860 Datasheet HTML 19Page - Intel Corporation 9860 Datasheet HTML 20Page - Intel Corporation 9860 Datasheet HTML 21Page - Intel Corporation 9860 Datasheet HTML 22Page - Intel Corporation 9860 Datasheet HTML 23Page - Intel Corporation 9860 Datasheet HTML 24Page - Intel Corporation 9860 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
Advanced 10/100 Repeater with Integrated Management — LXT9860/9880
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
21
Table 4.
MII #2 Signal Descriptions
Pin
Symbol
Type
1, 2
Description
18
MII2_SPD
I
PU
Speed Select - MII 2. This signal is sensed at power up,
hardware reset, and software reset. Selects operating speed of
the respective MII (MAC) interface.
High = 100 Mbps. Low = 10 Mbps.
205
206
207
208
MII2_RXD0
MII2_RXD1
MII2_RXD2
MII2_RXD3
O
Receive Data - MII 2. The LXT98x0 transmits received data to
the controller on these outputs. Data is driven on the falling edge
of MII2_RXCLK.
204
MII2_RXDV
O
Receive Data Valid - MII 2. Active High signal, synchronous to
MII2_RXCLK, indicates valid data on MII2_RXD<3:0>.
203
MII2_RXCLK
O
Receive Clock - MII 2. MII receive clock for expansion port. This
is a 2.5 or 25 MHz clock derived from the CLK25 input (refer to
Table 11 on page 30).
202
MII2_RXER
O
Receive Error - MII 2. Active High signal, synchronous to
MII2_RXCLK, indicates invalid data on MII2_RXD<3:0>.
197
MII2_TXER
I
Transmit Error - MII 2. MII2_TXER is a 100 Mbps-only signal.
The MAC asserts this input when errors occurs in the transmit
data stream. The LXT98x0 sends ‘Invalid Code Symbols’ on the
line.
196
MII2_TXCLK
O
Transmit Clock - MII 2. This is a 2.5 or 25 MHz clock derived
from the CLK25 input (refer to Table 11 on page 30).
195
MII2_TXEN
I
Transmit Enable - MII 2. External controllers drive this input High
to indicate data is transmitted on the MII2_TXD<3:0> pins.
Ground this input if unused.
194
193
192
191
MII2_TXD0
MII2_TXD1
MII2_TXD2
MII2_TXD3
I
Transmit Data - MII 2. External controllers use these inputs to
transmit data to the LXT98x0. The LXT98x0 samples
MII2_TXD<3:0> on the rising edge of MII2_TXCLK, when
MII2_TXEN is High.
188
MII2_COL
O
Collision - MII 2. The LXT98x0 drives this signal High to indicate
a collision occurred.
187
MII2_CRS
O
Carrier Sense - MII 2. Active High signal indicates LXT98x0 is
transmitting or receiving.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input,
A I/O = Analog Input/Output, OD = Open Drain, OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com