Electronic Components Datasheet Search
  English  ▼

X  

9860 Datasheet(PDF) 30 Page - Intel Corporation

Part # 9860
Description  Advanced 10/100 Repeater with Intergrated Management
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9860 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 9860 Datasheet HTML 26Page - Intel Corporation 9860 Datasheet HTML 27Page - Intel Corporation 9860 Datasheet HTML 28Page - Intel Corporation 9860 Datasheet HTML 29Page - Intel Corporation 9860 Datasheet HTML 30Page - Intel Corporation 9860 Datasheet HTML 31Page - Intel Corporation 9860 Datasheet HTML 32Page - Intel Corporation 9860 Datasheet HTML 33Page - Intel Corporation 9860 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
LXT9860/9880 — Advanced 10/100 Repeater with Integrated Management
30
Datasheet
Document #: 248987
Revision#: 003
Rev Date: 08/07/01
Table 11. Miscellaneous Signal Descriptions
Pin
Symbol
Type
1, 2
Description
53
RESET
I
Schmitt
Reset. This active Low input causes internal circuits, state
machines and counters to reset (address tracking registers do not
reset). On power-up, devices should not be brought out of reset
until the power supply stabilizes to 3.3V. When there are multiple
devices, it is recommended all be supplied by a common reset
driven by an ‘LS14 or similar device.
54
CLK25
I
Schmitt
25 MHz system clock. Refer to Table 29 on page 75 for clock
requirements.
72
73
CHIPID0
CHIPID1
I
PD
Chip ID. These pins assign unique Chip IDs to as many as four
devices on a single board. One device on each board must be
assigned ChipID = 00. See “Serial Management I/F” on page 52.
33
CONFIG(0) /
CFG_DT
I
PD
Configuration Register Input 0. The CONFIG[1:0] inputs allow
the user to store system-specific information (board type, plug-in
cards, status, etc.) in the Serial Configuration Register (hex
address AC). This register may be read remotely through the
Serial Management Interface (SMI).
Configuration Bus Data. Used in conjunction with CFG_CLK
and CFG_LD, these pins provide an expansion capability for the
functionality of CONFIG[1:0]. Using an external Parallel-to-Serial
device, up to 8 Configuration inputs can be brought to the SMI for
user access.
The Configuration Mode Select bit (Bit 14) in the Repeater
Configuration Register is used to choose between CONFIG[1:0]
and CFG bus modes. (See Table 75 on page 109.)
25
CONFIG(1) /
CFG_LD
I/O
PD
Configuration Register Input 1. The CONFIG[1:0] inputs allow
the user to store system-specific information (board type, plug-in
cards, status, etc.) in the Repeater Serial Configuration register.
This register may be read remotely through the Serial
Management Interface (SMI).
Configuration Bus Load (active Low). Used in conjunction with
CFG_CLK and CFG_DT, this active Low pin provides an
expansion capability for the functionality of CONFIG[1:0]. Using
an external Parallel-to-Serial device, up to 8 Config. inputs can be
brought to the SMI for user access.
The Configuration Mode Select bit (Bit 14) in the Repeater
Configuration Register is used to choose between CONFIG[1:0]
and CFG bus modes. See Table 75 on page 109.)
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input,
A I/O = Analog Input/Output, OD = Open Drain, OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com